Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RACD20 Datasheet(PDF) 1 Page - Recom International Power

Part # RACD20
Description  20 Watt PFC Single Output
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RACD20 Datasheet(HTML) 1 Page - Recom International Power

  RACD20 Datasheet HTML 1Page - Recom International Power RACD20 Datasheet HTML 2Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
20
www.recom-electronic.com
REV: 2/2010
Please Read Application Notes
LIGHTLINE
AC/DC-Converter
RoHS
2002/95/EC
6/6
RACD20
20 Watt PFC
Single
Output
● 20W AC-DC LED Power Supply
● 350mA , 700mA or 1050mA Constant Current
● Drives 2 - 16 High brightness LEDs
● Universal AC Input
● Active Power Factor Correction >0.95
● Fused Input, Protected Output
● 3kVAC Isolation
● UL-8750 Certified
● Output Connector to avoid miswiring
● Low Cost
● 5 Year Warranty
Features
LED
DRIVER
Selection Guide
Part
Input Voltage
Input Current
Output
Output
Max
Number
Range
at full load
Voltage Range
Current
#
(VAC)
(mA)
(VDC)
(mA)
LEDs
RACD20-350
universal
260
6-56
350
15 x 1W
RACD20-700
universal
260
6-29
700
8 x 2W, 8+8 x 1W
Input Voltage Range
Standard
90-264VAC
Rated Power
20 Watts max.
Input Frequency Range
47-63 Hz
Power Factor
Full Load, 115VAC/230VAC
0.95
Output Voltage Range
350mA Version
6 - 56VDC
700mA Version
6 - 29VDC
Inrush Current (<2mS)
115VAC/230VAC
10A max.
Input Current
230VAC, Full Load
260mA typ.
Leakage Current
115VAC/240VAC - 60/50Hz
0.5mA typ.
Input Fuse
Standard
T1A
Output Current Accuracy
(combined Tolerance, load Regulation and Line Regulation)
±10%
Minimum Load
Open Circuit Protected
2 LEDs
Output Ripple
150mA max.
Hold Up Time
18ms min.
Operating Frequency
40 - 100 kHz typ.
Efficiency at Full Load
83%
RMS Isolation Voltage (input to output)
3kVAC / 1 minute
Temperature Coefficient
±0.02%/°C typ.
Overload Protection
120% typ.
Short Circuit Protection
Continuous Current Limit
Output Overvoltage Protection
350mA Version
56V Zener Diode Clamp
700mA Version
29V Zener Diode Clamp
continued on next page
Description
Specifications (typical at 25°C and after warm up time unless otherwise specified )
A compact 20W constant current switching power module suitable for driving up to 15 high power LEDs (Vf = 3.6V).
The output current is fixed at 350mA or 700mA. Active power factor correction is standard.
This series features both screw terminal and socket output connections. The socket connecter avoids the possibility of
miswiring and damaging the LED load if the LEDs are preassembled into a wiring harness or lamp fitting.
UL-8750 Certified
E340696


Similar Part No. - RACD20

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RACD20-1050 RECOM-RACD20-1050 Datasheet
97Kb / 2P
20W Class II AC-DC LED Power Supply
RACD20-1050 RECOM-RACD20-1050 Datasheet
134Kb / 2P
20 Watt PFC Single Output
RACD20-277 RECOM-RACD20-277 Datasheet
134Kb / 2P
20 Watt PFC Single Output
RACD20-350 RECOM-RACD20-350 Datasheet
97Kb / 2P
20W Class II AC-DC LED Power Supply
RACD20-350 RECOM-RACD20-350 Datasheet
134Kb / 2P
20 Watt PFC Single Output
More results

Similar Description - RACD20

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RACD12 RECOM-RACD12 Datasheet
90Kb / 2P
12 Watt PFC Single Output
RACD60 RECOM-RACD60 Datasheet
114Kb / 3P
60 Watt PFC Single Output
RACD60 RECOM-RACD60_11 Datasheet
148Kb / 4P
60 Watt PFC Single Output
RACD60_1104 RECOM-RACD60_1104 Datasheet
153Kb / 4P
60 Watt PFC Single Output
RACD20-350 RECOM-RACD20-350 Datasheet
134Kb / 2P
20 Watt PFC Single Output
RACD25-A RECOM-RACD25-A Datasheet
106Kb / 2P
25 Watt PFC Single Output
RACD35-A RECOM-RACD35-A Datasheet
114Kb / 2P
35 Watt PFC Single Output
RACD45-A RECOM-RACD45-A Datasheet
97Kb / 2P
45 Watt PFC Single Output
RACD60-A RECOM-RACD60-A Datasheet
98Kb / 2P
60 Watt PFC Single Output
logo
Wall Industries,Inc.
CMMDW WALL-CMMDW Datasheet
279Kb / 3P
20 Watt Single Output
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com