Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RACD20 Datasheet(PDF) 2 Page - Recom International Power

Part # RACD20
Description  20 Watt PFC Single Output
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RACD20 Datasheet(HTML) 2 Page - Recom International Power

  RACD20 Datasheet HTML 1Page - Recom International Power RACD20 Datasheet HTML 2Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.recom-international.com
21
REV:2/2010
145
137
50
42
5.5mm socket
Cable entry
with strain relief
15
22
3.5mm dia.
RACD20
LIGHTLINE
AC/DC-Converter
Package Style and Pinning
Connections
CN1
Function
L
VAC in (L)
N
VAC in (N)
CN2
Function
+
LED+
-
LED-
5.5mm Socket
Function
Pin
LED+
Shell
LED-
Overtemperature Protection
Shutdown, Automatic restart after cooling down
Operating Temperature Range
Ambient Temperature
-20°C to +50°C
(free air convection)
Case Temp.
85°C max. (350mA version: 90°C max.)
Weight
140g
Packing Quantity
1pc
Storage Temperature Range
-40°C to +100°C
Humidity
95% RH max.
IPRating
IP20
PCB Material
Plastic Resin with Fibreglass (UL94V-0)
Case Material
Plastic
Designed to meet Standards
Lamp Control Gear, General Safety
EN 61347-1
Lamp Control Gear for LED Modules
EN 61347-2-13
Electrical Lighting, EMC Emissions
EN55015, FCC18A
Limits for Harmonics Emissions
EN 61000-3-2
EMC Compatibilty: Flicker and Voltage Variations
EN 61000-3-3
Electrical Lighting: EMC Immunity
EN 61547
Class II Power Supply Safety
UL1310
THD
<20%
Certifications
LED Lighting Safety
UL8750
Design Lifetime
25°C ambient
>70 x 10³ hours in operation
Connections
AC Input
Screw terminal
LED Output
Screw Terminal
LED Output
5.5mm Socket with 2mm Pin (Suitable matching plug Switchcraft S760 or similar)
Specifications cont. (typical at 25°C and after warm up time unless otherwise specified )
2 Mounting screws are included
3rd angle
projection



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com