Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS26F32ME/883 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DS26F32ME/883
Description  DS26F32MQML
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS26F32ME/883 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  DS26F32ME/883 Datasheet HTML 1Page - National Semiconductor (TI) DS26F32ME/883 Datasheet HTML 2Page - National Semiconductor (TI) DS26F32ME/883 Datasheet HTML 3Page - National Semiconductor (TI) DS26F32ME/883 Datasheet HTML 4Page - National Semiconductor (TI) DS26F32ME/883 Datasheet HTML 5Page - National Semiconductor (TI) DS26F32ME/883 Datasheet HTML 6Page - National Semiconductor (TI) DS26F32ME/883 Datasheet HTML 7Page - National Semiconductor (TI) DS26F32ME/883 Datasheet HTML 8Page - National Semiconductor (TI) DS26F32ME/883 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Absolute Maximum Ratings (Note 1)
Storage Temperature Range
−65˚C
≤ T
A
≤ +150˚C
Operating Temperature Range
−55˚C
≤ T
A
≤ +125˚C
Lead Temperature
(soldering, 60 sec)
300˚C
Supply Voltage
7.0V
Common Mode Voltage Range
±25V
Differential Input Voltage
±25V
Enable Voltage
7.0V
Output Sink Current
50 mA
Maximum Power Dissipation (P
D maxat 25˚C (Note 2), (Note 3)
500 mW
Thermal Resistance
θ
JA
Ceramic DIP
100˚C/W
Ceramic Flatpack
142˚C/W
Leadless Chip Carrier
87˚C/W
θ
JC
Junction-to- case
See MIL-STD-1835
Recommended Operating Range
Operating Temperature
−55˚C
≤ T
A
≤ +125˚C
Supply Voltage
4.5V to 5.5V
Radiation Features
DS26F32MJRQMLV
100 krads (Si)
DS26F32MWRQMLV
100 krads (Si)
DS26F32MWGRQMLV
100 krads (Si)
Quality Conformance Inspection
Mil-Std-883, Method 5005 - Group A
Subgroup
Description
Temp ˚C
1
Static tests at
25
2
Static tests at
125
3
Static tests at
-55
4
Dynamic tests at
25
5
Dynamic tests at
125
6
Dynamic tests at
-55
7
Functional tests at
25
8A
Functional tests at
125
8B
Functional tests at
-55
9
Switching tests at
25
10
Switching tests at
125
11
Switching tests at
-55
12
Settling time at
25
13
Settling time at
125
14
Settling time at
-55
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com