Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS26F32ME/883 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DS26F32ME/883
Description  DS26F32MQML
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS26F32ME/883 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  DS26F32ME/883 Datasheet HTML 1Page - National Semiconductor (TI) DS26F32ME/883 Datasheet HTML 2Page - National Semiconductor (TI) DS26F32ME/883 Datasheet HTML 3Page - National Semiconductor (TI) DS26F32ME/883 Datasheet HTML 4Page - National Semiconductor (TI) DS26F32ME/883 Datasheet HTML 5Page - National Semiconductor (TI) DS26F32ME/883 Datasheet HTML 6Page - National Semiconductor (TI) DS26F32ME/883 Datasheet HTML 7Page - National Semiconductor (TI) DS26F32ME/883 Datasheet HTML 8Page - National Semiconductor (TI) DS26F32ME/883 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
DS26F32 Electrical Characteristics
DC Parameters
The following conditions apply, unless otherwise specified.
DC:
V
CC = 5V
(Note 7)
Symbol
Parameter
Conditions
Notes
Min
Max
Units
Sub-
groups
I
In
Input Current
Pin under test
V
CC = 4.5V, VI = 15V
Other inputs -15V
≤ V
I
≤ +15V
2.3
mA
1, 2, 3
Pin under test
V
CC = 5.5V, VI = -15V
Other inputs -15V
≤ V
I
≤ +15V
-2.8
mA
1, 2, 3
I
IL
Logical "0" Enable Current
V
CC = 5.5V, VEn = 0.4V
-360
µA
1, 2, 3
I
IH
Logical "1" Enable Current
V
CC = 5.5V, VI = 2.7V
10
µA
1, 2, 3
I
I
Logical "1" Enable Current
V
CC = 5.5V, VI = 5.5V
50
µA
1, 2, 3
V
IK
Input Clamp Voltage (Enable)
V
CC = 4.5V, II = -18mA
-1.5
V
1, 2, 3
V
OH
Logical "1" Output Voltage
V
CC = 4.5V, IOH = -440µA,
∆V
I =1V, VEn=.8=VEn
2.5
V
1,2,3
V
OL
Logical "0" Output Voltage
V
CC = 4.5V, VEn =0.8V = VEn,
I
OL = 4mA,
∆V
I = -1V
0.4
V
1,2,3
V
CC = 4.5V, VEn = 8V = VEn,
I
OL = 8mA,
∆V
I = -1V
.45
V
1,2,3
I
CC
Supply Current
V
CC = 5.5V, All VI = Gnd,
V
En = 0V, VEn =2V
50
mA
1, 2, 3
I
OZ
Off-State Output Current
V
CC = 5.5V, VO = 0.4V,
V
En = 0.8V, VEn =2V
-20
µA
1, 2, 3
V
CC = 5.5V, VO = 2.4V,
V
En = 0.8V, VEn =2V
20
µA
1, 2, 3
R
I
Input Resistance
-15
≤ V
CM
≤ 15V
14
K
Ω
1, 2, 3
V
Th
Differential Input Voltage
V
CC = 4.5V, VOUT =VOL or VOH
-7V
≤ V
CM
≤ 7V,
V
En =VEn = 2.5V
(Note 4)
-0.2
0.2
V
1, 2, 3
V
CC = 5.5V, VOUT =VOL or VOH
-7V
≤ V
CM
≤ 7V,
V
En =VEn = 2.5V
(Note 4)
-0.2
0.2
V
1, 2, 3
V
IL
Logical "0" Input Voltage
(Enable)
V
CC = 5.5V
(Note 4)
0.8
V
1, 2, 3
V
IH
Logical "1" Input Voltage
(Enable)
V
CC = 4.5V
(Note 4)
2.0
V
1, 2, 3
I
SC Min
Output Short Circuit Current
V
CC = 4.5V, VO = 0V,
∆V
I =1V
-15
mA
1, 2, 3
I
SC Max
Output Short Circuit Current
V
CC = 5.5V, VO = 0V,
∆V
I =1V
-85
mA
1, 2, 3
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com