Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GPIB-USB-HS Datasheet(PDF) 1 Page - National Instruments Corporation

Part # GPIB-USB-HS
Description  Completely IEEE 488.2 compatible/Controls up to 14 GPIB instruments
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

GPIB-USB-HS Datasheet(HTML) 1 Page - National Instruments Corporation

  GPIB-USB-HS Datasheet HTML 1Page - National Instruments Corporation GPIB-USB-HS Datasheet HTML 2Page - National Instruments Corporation GPIB-USB-HS Datasheet HTML 3Page - National Instruments Corporation GPIB-USB-HS Datasheet HTML 4Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
GPIB Controller for Hi-Speed USB
Overview
The compact NI GPIB-USB-HS transforms any computer with a USB
port into a full-function, IEEE 488.2 controller that can control up to 14
programmable GPIB instruments. The small size and light weight of this
controller make it ideal for portable applications using a laptop computer
or other applications in which the computer has no available internal I/O
slots. The GPIB-USB-HS works with Windows Vista/XP/2000/Me/98,
Mac OS X, and Linux computers with a USB port.
This controller is easy to install and use because there are no external
DIP switches and you do not need to restart your computer for the
system to recognize your IEEE 488.2 interface. It is a plug-and-play
interface that the OS automatically recognizes and configures as soon
as you physically attach it to the USB port on your computer. With the
GPIB-USB-HS, you can get up and running quickly, so you can focus on
developing your instrument control applications.
The GPIB-USB-HS is the first GPIB interface to take advantage of the
superior performance of Hi-Speed USB signaling (480 Mb/s). Plugging it
into a Hi-Speed USB port provides industry-leading GPIB performance
using both the standard and high-speed IEEE 488.1 handshake.
Using a TNT family talker/listener/controller IEEE 488.2 ASIC, the
GPIB-USB-HS implements the full range of GPIB controller functions,
including those required and recommended by IEEE 488.2. It also
implements normal and extended talker and listener, serial and parallel
polling, service request, and pass/receive control functions. Drawing
power directly from the USB port, the GPIB-USB-HS requires no external
power input.
With NI-488.2, you get a robust driver with additional utilities and
wizards that help you troubleshoot your applications and decrease your
development time (see Figure 2). Furthermore, you maintain compatibility
with existing systems. Applications previously written for other National
Instruments GPIB controllers can run unmodified with the GPIB-USB-HS.
Connecting the GPIB-USB-HS
to Your Instruments
This controller does not require a GPIB cable to connect to your
instruments. You can attach it directly to the GPIB port on your instrument
and then connect the USB cable to the USB port on your computer. If you
have multiple instruments in a daisy-chain or star configuration, attach
any cables that connect to the other instruments first, and then
piggyback the GPIB-USB-HS as the last connector in the stack.
• Completely IEEE 488.2 compatible
• Controls up to 14 GPIB instruments
• Compact size and light weight
• Plug-and-play configuration
• No external power required
• Built-in 2 m USB cable
• No GPIB cable required to connect
to instruments
• Hi-Speed USB compliance
• Maximum GPIB transfer rates
• More than 1.8 MB/s (IEEE 488.1)
• More than 7.2 MB/s (HS488)
Operating Systems
• Windows Vista/XP/2000/Me/98
• Mac OS X
• Linux®
Recommended Software
• LabVIEW
• LabWindows™/CVI
• Measurement Studio
Driver Software (included)
• NI-488.2
NI GPIB-USB-HS
USB Port
GPIB-USB-HS
with USB Cable
Included
GPIB Instrument
Figure 1. Easily connect your GPIB instruments to the USB port of your computer.


Similar Part No. - GPIB-USB-HS

ManufacturerPart #DatasheetDescription
logo
Contec Co., Ltd
GPIB-F-LPE CONTEC-GPIB-F-LPE Datasheet
236Kb / 2P
PCI Express-compliant High speed GPIB
GPIB-FL-LPE CONTEC-GPIB-FL-LPE Datasheet
236Kb / 2P
PCI Express-compliant High speed GPIB
GPIB-FL2-USB CONTEC-GPIB-FL2-USB Datasheet
233Kb / 2P
High Speed IEEE-488.2 I/F Micro Converter for USB2.0
More results

Similar Description - GPIB-USB-HS

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS75160A NSC-DS75160A Datasheet
209Kb / 10P
IEEE-488 GPIB Transceivers
logo
Pan Jit International I...
TNT4882 PANJIT-TNT4882 Datasheet
202Kb / 16P
Single-Chip IEEE 488.2 Talker/Listener ASIC
logo
List of Unclassifed Man...
NAT9914BPL ETC1-NAT9914BPL Datasheet
230Kb / 10P
IEEE 488.2 Controller Chip
logo
National Semiconductor ...
DS75162A NSC-DS75162A Datasheet
185Kb / 10P
IEEE-488 GPIB Transceivers
logo
List of Unclassifed Man...
I72110 ETC1-I72110 Datasheet
134Kb / 2P
uP to GPIB interface ASIC
logo
Advantech Co., Ltd.
PCI-1671UP ADVANTECH-PCI-1671UP Datasheet
189Kb / 1P
IEEE-488.2 Interface Low Profile Universal PCI Card
logo
Analog Devices
AD7534 AD-AD7534 Datasheet
492Kb / 12P
uP-Compatible 14-Bit DAC
REV. A
logo
Advantech Co., Ltd.
PCI-1671UP ADVANTECH-PCI-1671UP_14 Datasheet
209Kb / 1P
IEEE-488.2 Interface Low Profile Universal PCI Card
logo
List of Unclassifed Man...
1351774 ETC2-1351774 Datasheet
98Kb / 3P
GPIB unshielded, for use with electronic equipment that is IEEE-488 compatible
logo
Contec Co., Ltd
GP-IBF CONTEC-GP-IBF Datasheet
261Kb / 2P
High-speed IEEE-488.2 GPIB communication board for Low Profile PCI
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com