Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GPIB-USB-HS Datasheet(PDF) 3 Page - National Instruments Corporation

Part # GPIB-USB-HS
Description  Completely IEEE 488.2 compatible/Controls up to 14 GPIB instruments
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

GPIB-USB-HS Datasheet(HTML) 3 Page - National Instruments Corporation

  GPIB-USB-HS Datasheet HTML 1Page - National Instruments Corporation GPIB-USB-HS Datasheet HTML 2Page - National Instruments Corporation GPIB-USB-HS Datasheet HTML 3Page - National Instruments Corporation GPIB-USB-HS Datasheet HTML 4Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
GPIB Controller for Hi-Speed USB
3
BUY ONLINE at ni.com or CALL 800 813 3693 (U.S.)
Specifications
USB Port
Hi-Speed USB signaling......................
480 Mb/s
IEEE 488 Compatibility
IEEE 488.1 and IEEE 488.2
Maximum IEEE 488 Bus Transfer Rates1
IEEE 488 interlocked handshake.........
1.8 MB/s
IEEE 488 noninterlocked
handshake (HS488).........................
7.2 MB/s
1
Actual rates depend on system configuration, instrument capabilities, and USB port in use.
External Indicators
Ready
Green ..............................................
USB full-speed
Amber .............................................
Hi-Speed USB
Active
Green ..............................................
Device active
Power Requirement
USB bus-powered device
Maximum power consumption ...........
500 mA
Physical
Dimensions..........................................
10.7 by 6.6 by 2.6 cm
(4.2 by 2.6 by 1.0 in.)
I/O Connectors
GPIB ....................................................
IEEE 488 standard 24-pin
USB ....................................................
USB standard series A plug
Operating Environment
Temperature ........................................
0 to 55 °C
Relative humidity ................................
10 to 90%, noncondensing
Storage Environment
Temperature ........................................
-20 to 70 °C
Relative humidity ................................
5 to 95%, noncondensing
Safety and Compliance
Safety
This product is designed to meet the requirements of the following
standards of safety for electrical equipment for measurement, control,
and laboratory use:
• IEC 61010-1, EN 61010-1
• UL 61010-1, CSA 61010-1
Note: For UL and other safety certifications, refer to the product label or
visit ni.com/certification, search by model number or product line, and
click the appropriate link in the Certification column.
Electromagnetic Compatibility
This product meets the requirements of the following EMC standards
for electrical equipment for measurement, control, and laboratory use:
• EN 61326 (IEC 61326): Class A emissions; Basic immunity
• EN 55011 (CISPR 11): Group 1, Class A emissions
• AS/NZS CISPR 11: Group 1, Class A emissions
• FCC 47 CFR Part 15B: Class A emissions
• ICES-001: Class A emissions
CE Compliance
This product meets the essential requirements of applicable European
Directives, as amended for CE marking, as follows:
• 2006/95/EC; Low-Voltage Directive (safety)
• 2004/108/EC; Electromagnetic Compatibility Directive (EMC)
Note: Refer to the Declaration of Conformity (DoC) for this product for
any additional regulatory compliance information. To obtain the DoC for
this product, visit ni.com/certification, search by model number or
product line, and click the appropriate link in the Certification column.
Waste Electrical and Electronic Equipment (WEEE)
EU Customers: At the end of their life cycle, all products must be
sent to a WEEE recycling center. For more information about WEEE
recycling centers and National Instruments WEEE initiatives,
visit ni.com/environment/weee.htm.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com