Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NISCXI-1193 Datasheet(PDF) 1 Page - National Instruments Corporation

Part # NISCXI-1193
Description  500 MHz bandwidth/50 OHM characteristic impedance
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

NISCXI-1193 Datasheet(HTML) 1 Page - National Instruments Corporation

  NISCXI-1193 Datasheet HTML 1Page - National Instruments Corporation NISCXI-1193 Datasheet HTML 2Page - National Instruments Corporation NISCXI-1193 Datasheet HTML 3Page - National Instruments Corporation NISCXI-1193 Datasheet HTML 4Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
NI PXI-2593, NI PXIe-2593, NI SCXI-1193 NEW!
High-Frequency Multiplexer/Matrix Modules
Overview and Applications
NI PXI-2593, PXIe-2593, and SCXI-1193 are high-density 50 RF relay modules.
You can programmatically configure them as unterminated multiplexers,
externally terminated multiplexers, or dimensionally flexible sparse matrices.
Each configuration handles signal frequencies from DC to beyond 500 MHz.
These single-slot switch modules use high-density push-on MCX connectors
for discrete yet manageable cabling. NI 2593 modules are designed to integrate
with high-frequency instruments such as the NI PXI-5404 frequency generator
and the NI PXI-5112 high-speed digitizer.
Multiplexer Configurations
The NI 2593 and SCXI-1193 are 16- and 32-channel unterminated multiplexers,
respectively. With external 50 MCX terminators (P/N: 761930-01) on half of
the channels, you can use these modules as terminated multiplexers. Table 1
shows multiplexer configurations for each module.
Multiplexer
Topology
NI SCXI-1193
NI 2593
Unterminated
Terminated
Unterminated
Terminated
32x1
1 bank
–
–
–
16x1
2 banks
1 bank
1 bank
–
8x1
4 banks
2 banks
2 banks
1 bank
4x1
–
4 banks
–
2 banks
3x1
9 banks
–
4 banks
–
Table 1. This table shows available multiplexer configurations.
Dimensionally Flexible Sparse Matrix Configurations
You can configure the NI 2593 modules as flexible sparse matrices, which
you can use to route signals between any pair of channels or commons
while maintaining >500 MHz bandwidth and minimizing reflections. Unlike a
traditional sparse matrix made from two multiplexers with their COM terminals
connected, these modules use a flexible architecture in which you can define
the row and column dimensions. There is no restriction on row-to-row or
column-to-column connections. For example, you can configure the 18 terminals
on the NI 2593 modules as a 2x16, 4x14, or 9x9 sparse matrix, or any size in
between. It is even possible to connect multiple crosspoints simultaneously.
Figure 1 demonstrates the configuration capabilities of an NI 2593 as a
dimensionally flexible sparse matrix.
500 MHz bandwidth
■
50 characteristic impedance
■
10 W RF carry power
■
150 V, CAT I switching
■
Fully software configurable
■
Unterminated multiplexer
■
Available in both PXI and PXI Express
■
versions for optimal slot placement
Configurations
NI SCXI-1193: 32x1, dual 16x1,
■
quad 8x1, nine 3x1
NI PXI-2593/ NI PXIe-2593 (NI 2593):
■
16x1, dual 8x1, quad 3x1
Terminated multiplexer configurations
■
NI SCXI-1193: 16x1, dual 8x1,
■
quad 4x1
NI 2593: 8x1, dual 4x1
■
Sparse matrix configurations
■
NI SCXI-1193: 36-terminal
■
NI 2593: 18-terminal
■
Operating Systems
Windows XP/2000/Me/9x/NT
■
Recommended Software
LabVIEW
■
LabWindows
■
™
/CVI
Measurement Studio
■
for Visual C++
NI Switch Executive
■
Other Compatible Software
Visual Basic
■
ANSI C/C++
■
Driver/Software (included)
NI-SWITCH
■


Similar Part No. - NISCXI-1193

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
NISCXI-1190 NI-NISCXI-1190 Datasheet
428Kb / 3P
4x1 unterminated multiplexer/50 characteristic impedance
NISCXI-1191 NI-NISCXI-1191 Datasheet
428Kb / 3P
4x1 unterminated multiplexer/50 characteristic impedance
NISCXI-1195 NI-NISCXI-1195 Datasheet
333Kb / 3P
5 GHz 4x1 and Quad 4x1 Multiplexers
More results

Similar Description - NISCXI-1193

ManufacturerPart #DatasheetDescription
logo
SYNERGY MICROWAVE CORPO...
TM1-1 SYNERGY-TM1-1 Datasheet
258Kb / 3P
RF IMPEDANCE TRANSFORMER SURFACE MOUNT MODEL OPTIMIZED BANDWIDTH 0.4 - 500 MHz
logo
National Instruments Co...
SCXI-1190 NI-SCXI-1190 Datasheet
428Kb / 3P
4x1 unterminated multiplexer/50 characteristic impedance
logo
Cree, Inc
CGHV31500F CREE-CGHV31500F Datasheet
722Kb / 10P
500 W, 2700 - 3100 MHz, 50-Ohm Input
Rev 1.0
logo
RFHIC
RRP27312K6-20 RFHIC-RRP27312K6-20 Datasheet
523Kb / 3P
50 Ohm Input/Output impedance
RRP31352K6-20 RFHIC-RRP31352K6-20 Datasheet
449Kb / 3P
50 Ohm Input/Output impedance
RRP52571K0-41 RFHIC-RRP52571K0-41 Datasheet
870Kb / 4P
50 Ohm Input/Output impedance
RRP3135900-12 RFHIC-RRP3135900-12 Datasheet
427Kb / 3P
50 Ohm Input/Output impedance
RRP5257550-35 RFHIC-RRP5257550-35 Datasheet
646Kb / 4P
50 Ohm Input/Output impedance
RRP5657550-35 RFHIC-RRP5657550-35 Datasheet
751Kb / 4P
50 Ohm Input/Output impedance
RRP9095150-18 RFHIC-RRP9095150-18 Datasheet
555Kb / 4P
50 Ohm Input/Output impedance
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com