Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NISCXI-1193 Datasheet(PDF) 3 Page - National Instruments Corporation

Part # NISCXI-1193
Description  500 MHz bandwidth/50 OHM characteristic impedance
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

NISCXI-1193 Datasheet(HTML) 3 Page - National Instruments Corporation

  NISCXI-1193 Datasheet HTML 1Page - National Instruments Corporation NISCXI-1193 Datasheet HTML 2Page - National Instruments Corporation NISCXI-1193 Datasheet HTML 3Page - National Instruments Corporation NISCXI-1193 Datasheet HTML 4Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
BUY ONLINE at ni.com or C
ALL 800 813 3693 (U.S.)
3
Specifications
Specifications subject to change without notice. Visit ni.com/manuals for
the latest full specifications.
RF Performance Characteristics
Characteristic impedance (Z0) .............. 50 nominal
Insertion loss
8x1
DC to 200 MHz ............................ <0.9 dB
200 to 500 MHz ........................... <1.6 dB
16x1
DC to 200 MHz ............................ <1.2 dB
200 to 500 MHz ........................... <1.9 dB
32x1 (SCXI-1193 only)
DC to 200 MHz ............................ <1.4 dB
200 to 500 MHz ........................... <2.4 dB
Typical bandwidth (3 dB)
8x1 ............................................... >900 MHz
16x1 ............................................. >750 MHz
32x1 (SCXI-1193 only) ................. >600 MHz
VSWR
8x1
DC to 200 MHz ............................ <1.4
200 to 500 MHz ........................... <1.8
16x1
DC to 200 MHz ............................ <1.4
00 to 500 MHz ............................. <1.8
32x1 (SCXI-1193 only)
DC to 200 MHz ............................ <1.4
200 to 500 MHz ........................... <1.8
Maximum RF carry power .................... 10 W up to 500 MHz (per channel)
Input Characteristics
Maximum switching voltage................. 150 V, CAT I
Maximum switching current................. 0.5 A (per channel)
Maximum carry current......................... 1 A (per channel)
Simultaneous channels at maximum current
NI 2593 ............................................. up to 2
NI SCXI-1193 .................................... up to 4
DC path resistance
Initial................................................. <1.0
End of life.......................................... ≥2.0
Dynamic Characteristics
Maximum scan rate .............................. 100 operations/s
Expected relay life
Mechanical....................................... 5x107 operations
Electrical........................................... 3x105 operations
(30 V, 0.3 ADC resistive)
Physical Characteristics
Relay type .............................................
Electromechanical, latching
Relay contact material .........................
Silver palladium and gold
I/O connectors
NI 2593 ............................................. 18 MCX jacks
NI SCXI-1193 .................................... 36 MCX jacks
Trigger connectors ............................ 2 SMB jacks
Dimensions
NI 2593 ............................................. 13 by 21.7 cm (5. by 8.6 in.)
NI SCXI-1193 .................................... 3.0 by 17.3 by 19.6 cm
(1.2 by 6.7 by 7.6 in.)
Weight
NI 2593 ............................................. 330 g (12 oz)
NI SCXI-1193 .................................... 960 g (2 lb, 2 oz)
Environment
Operating temperature.......................... 0 to 50 °C
Storage temperature............................. - 20 to 70 °C
Relative humidity .................................. 5 to 85% noncondensing
Pollution degree.................................... 2
Approved at altitudes up to 2,000 m.
Safety Compliance
IEC 61010-1, EN 61010-1
■
UL 61010-01, CSA 61010-1
■
Electromagnetic Compatibility
This product meets the requirements of the following EMC standards for
electrical equipment for measurement, control, and laboratory use:
EN 61326 (IEC 61326): Class A emissions; Basic immunity
■
EN 55011 (CISPR 11): Group 1, Class A emissions
■
AS/NZS CISPR 11: Group 1, Class A emissions
■
FCC 47 CFR Part 15B: Class A emissions
■
ICES-001: Class A emissions
■
Note: For EMC compliance, operate this product according to the documentation.
CE Compliance
This product meets the essential requirements of applicable
European Directives as follows:
2006/95/EC; Low-Voltage Directive (safety)
■
2004/108/EC; Electromagnetic Compatibility Directive (EMC)
■
High-Frequency Multiplexer/Matrix Modules



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com