Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB-5680 Datasheet(PDF) 2 Page - National Instruments Corporation

Part # USB-5680
Description  True RMS power measurements/Diode power meter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

USB-5680 Datasheet(HTML) 2 Page - National Instruments Corporation

  USB-5680 Datasheet HTML 1Page - National Instruments Corporation USB-5680 Datasheet HTML 2Page - National Instruments Corporation USB-5680 Datasheet HTML 3Page - National Instruments Corporation USB-5680 Datasheet HTML 4Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Flexible Software
You can operate the USB-5680 as a benchtop instrument or as an
automated measurement device. For benchtop use, the soft front
panel (see Figure 2) helps you configure multiple instrument settings
on the fly. This program runs in Windows Vista, Windows XP, and
Windows 2000 operating systems.
As Figure 2 illustrates, the soft front panel not only returns power
measurements but also helps you configure settings such as autozero,
number of averages, and predetermined power offsets.
In addition, you can fully program the USB-5680 with the NI-568x
driver in languages such as LabVIEW, LabWindows/CVI, C, C++, and
.NET. Using the NI-568x driver, you can fully control the instrument and
integrate it into existing automated test applications. A screenshot of
the API is shown in Figure 3.
Absolute Accuracy
Power meter linearity is one of the most important characteristics of a
power meter because it greatly influences absolute accuracy. In addition,
linearity is dependent on the power level of the signal you are
measuring. As Table 1 illustrates, you can use the power meter in its
most linear region when power levels are less than 18 dBm. Thus, the
sensor is able to provide more accurate measurements at this power
level. Linearity across all power levels is illustrated in Table 1.
Note that sensor linearity is only one of many factors that
contribute to the absolute accuracy of an RF power measurement.
Because impedance mismatch (standing wave ratio, or SWR) and
noise can also add uncertainty, it is important to consider all of these
characteristics when determining overall measurement uncertainty.
National Instruments recommends downloading the Power Uncertainty
Calculator on the USB-5680 product page at ni.com to determine your
absolute measurement accuracy.
With the uncertainty calculator, you can enter signal characteristics
such as power, frequency, and signal type. You also can enter
measurement characteristics such as number of averages and aperture
mode. In addition to providing the absolute accuracy, the uncertainty
calculator highlights individual sources of error. As Figure 5 shows,
you can attribute an absolute accuracy of 4.45 percent to a wide range of
factors, the most significant of which include sensor nonlinearity and
mismatch uncertainty.
Note that the USB-5680 uses an internal auto-zero calibration routine
to reduce errors associated with zero offsets. To do this, an internal
source is used to calibrate the power
meter, and external connectivity
is not required.
Power level <18 dBm
±0.13 dB
Power level
≥18 dBm
±0.18 dB
Table 1. Sensor Linearity According to Power Level
2
BUY ONLINE at ni.com or CALL 800 813 3693 (U.S.)
Figure 3. NI-568x Driver API Screenshot
Figure 4. USB-5680 Uncertainty Calculator Screenshot
Figure 5. Expanded Sources of Error from the USB-5680 Uncertainty Calculator
6 GHz True RMS Power Meter with Bus-Powered USB Connectivity
Figure 2. Soft Front Panel Screenshot



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com