Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB-5680 Datasheet(PDF) 3 Page - National Instruments Corporation

Part # USB-5680
Description  True RMS power measurements/Diode power meter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

USB-5680 Datasheet(HTML) 3 Page - National Instruments Corporation

  USB-5680 Datasheet HTML 1Page - National Instruments Corporation USB-5680 Datasheet HTML 2Page - National Instruments Corporation USB-5680 Datasheet HTML 3Page - National Instruments Corporation USB-5680 Datasheet HTML 4Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Averaging and Noise Level
Because noise can have a significant effect on the accuracy of RMS
power measurements, settings such as aperture time and averaging are
often employed to mitigate the effects of noise on measurement accuracy.
To improve flexibility, the USB-5680 features two aperture time
settings to offer both high-speed and high-accuracy options. In
“Low-Aperture” mode, the power meter features 15 measurements
per second and in “High-Aperture” mode, the USB-5680 features
1 measurement per second. With these two options, you can choose the
aperture mode and, number of averages to obtain the desired noise level
of measurement. Table 2 shows the number of averages required in both
aperture modes to achieve less than ±0.10 and ±0.01 dB noise levels.
High-Aperture Mode
Low-Aperture Mode
6 GHz True RMS Power Meter with Bus-Powered USB Connectivity
3
BUY ONLINE at ni.com or CALL 800 813 3693 (U.S.)
Ordering Information
NI USB-5680 ..........................................................................780167-01
Includes NI-568x driver featuring soft front panel and API for LabVIEW,
LabWindows/CVI, C, C++, and .NET.
BUY NOW!
For complete product specifications, pricing, and accessory
information, call 800 813 3693 (U.S.) or go to ni.com/rf.
Number of
Averages Needed
for <±0.10 dB Noise
Number of
Averages Needed
for <±0.10 dB Noise
Input Power
(dBm)
Input Power
(mW)
>0
>1.00
1
1
-5
0.32
1
5
-10
0.100
1
1
-15
0.032
1
1
-20
0.0100
1
1
-25
0.0032
1
4
-30
0.00100
1
38
-35
0.00032
4
—
-40
0.000100
39
—
Table 2. Number of Averages, High-Aperture Time Mode
Number of
Averages Needed
for <±0.10 dB Noise
Number of
Averages Needed
for <±0.10 dB Noise
Input Power
(dBm)
Input Power
(mW)
>10
>10.0
1
1
5
3.2
1
2
0
1.0
1
16
-5
0.32
1
78
-10
0.10
1
1
-15
0.032
1
1
-20
0.010
1
7
-25
0.0032
1
61
-30
0.0010
7
—
-35
0.00032
62
—
-40
0.000100
—
—
Table 3. Number of Averages, Low-Aperture Time Mode



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com