Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

425F32AM Datasheet(PDF) 2 Page - CTS Corporation

Part # 425F32AM
Description  Surface Mount Quartz Crystal
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

425F32AM Datasheet(HTML) 2 Page - CTS Corporation

  425F32AM Datasheet HTML 1Page - CTS Corporation 425F32AM Datasheet HTML 2Page - CTS Corporation 425F32AM Datasheet HTML 3Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Document No. 008-0332-0
Page 2 - 3
Rev. B
٠ ٠ ٠ CTS Electronic Components, Inc. ٠ 171 Covington Drive ٠ Bloomingdale, IL 60108 ٠ ٠ ٠
Model 425
2.5x2.0mm Low Cost
Surface Mount Crystal
ELECTRICAL CHARACTERISTICS
PARAMETER
VALUE
Operating Mode
Fundamental
Crystal Cut
AT-Cut
Frequency Range
16.0 MHz to 54.0 MHz
± 30 ppm Standard
(± 10 ppm, ±15 ppm and ± 20 ppm Available)
Frequency Stability Tolerance
± 50 ppm Standard
(Operating Temperature Range, Referenced to 25°C Reading)
(± 10 ppm, ±15 ppm, ± 20 ppm, ± 30 ppm and ± 40 ppm Available)
-20°C to +70°C Standard
(-40°C to +85°C Available)
Storage Temperature Range
-40°C to +85°C
Equivalent Series Resistance
See ESR Table
Load Capacitance or Resonance Mode
See Ordering Information
Shunt Capacitance (C0)
5.0 pF Maximum
Drive Level
10 µW Typical, 100 µW Maximum
Aging @ 25°C
± 3 ppm/year maximum
Reflow Condition, per JEDEC J-STD-020
+255°C ± 5°C, 10 Seconds Maximum
Frequency Tolerance @ 25°C
Operating Temperature Range
EQUIVALENT SERIES RESISTANCE TABLE
FREQUENCY RANGE
MODE of OSCILLATION ESR Maximum
16.00 MHz - 19.999 MHz
Fundamental
100 Ohms
20.00 MHz - 29.999 MHz
Fundamental
80 Ohms
30.00 MHz - 39.999 MHz
Fundamental
80 Ohms
40.00 MHz - 54.000 MHz
Fundamental
60 Ohms
MECHANICAL SPECIFICATIONS
Notes:
1. Termination pads (e4), barrier-plating is nickel (Ni) with gold (Au) flash plate.
2. Terminations #2, #4 and the metal lid are connected internally.
End user may connect these pins to circuit ground.
MARKING INFORMATION
1. XX.XX – Frequency in MHz.
2. C – CTS and Pin 1 identifier.
3. ** – Manufacturing Site Code.
4. D – Manufactured Date Code. See Table I for
codes.
5. Complete CTS part number, frequency value and
date code information must appear on reel and
box labels.
SUGGESTED SOLDER PAD GEOMETRY
0.035 [0.90]
0.073 [1.85]
1
4
0.061 [1.55]
2
Inch
[mm]
Key:
3
0.039 [1.00]
PACKAGE DRAWING
0.064
( 1.625 )
0.029
( 0.725 )
0.027
( 0.675 )
0.028
( 0.700 )
#2
Bottom View
Top View
2
1
4
3
( 0.65 )
MAX
( 2.50 ±0.10 )
0.098 ±0.004
0.026
( 2.00 ±0.10 )
0.079 ±0.004
Key:
( MM )
Inch
#2
#3
#4
#1
XX.XX
C**D



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com