Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

425F32AM Datasheet(PDF) 3 Page - CTS Corporation

Part # 425F32AM
Description  Surface Mount Quartz Crystal
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

425F32AM Datasheet(HTML) 3 Page - CTS Corporation

  425F32AM Datasheet HTML 1Page - CTS Corporation 425F32AM Datasheet HTML 2Page - CTS Corporation 425F32AM Datasheet HTML 3Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Document No. 008-0332-0
Page 3 - 3
Rev. B
٠ ٠ ٠ CTS Electronic Components, Inc. ٠ 171 Covington Drive ٠ Bloomingdale, IL 60108 ٠ ٠ ٠
Model 425
2.5x2.0mm Low Cost
Surface Mount Crystal
TAPE AND REEL INFORMATION
DIRECTION OF FEED
2.25
2.70
8.00
4.00
Ø1.55
DIMENSIONS IN MILLIMETERS
4.00
1.75
1.55
Ø23
Ø178
Ø60
11.50
120°
Ø13
1.75
Device quantity is 3,000 pieces mimimum per 178mm reel.
ENVIRONMENTAL SPECIFICATIONS
Temperature Cycle:
400 cycles from –55°C to +125°C, 10 minute dwell at each temperature, 1 minute transfer time
between temperatures.
Mechanical Shock:
1,500g’s, 0.5mS duration, ½ sinewave, 3 shocks each direction along 3 mutually perpendicular
planes (18 total shocks).
Sinusoidal Vibration:
0.06 inches double amplitude, 10 to 55 Hz and 20g’s, 55 to 2,000 Hz, 3 cycles each in 3 mutually
perpendicular planes (9 times total).
Gross Leak:
No leak shall appear while immersed in an FC40 or equivalent liquid at +125°C for 20 seconds.
Fine Leak:
Mass spectrometer leak rates less than 2x10-8 ATM cc/sec air equivalent.
Resistance to Solder Heat:
Product must survive 3 reflows of +260°C peak, 10 seconds maximum.
High Temperature Operating Bias:
2,000 hours at +125°C, disregarding frequency shift.
Frequency Aging:
1,000 hours at +85°C, maximum ±5 ppm shift.
Insulation Resistance:
500M Ohms @ 100VDC ±15VDC.
Moisture Sensitivity Level:
Level 1 per JEDEC J-STD-020.
TABLE I
2001
2005
2009
2013
2017
A
B
C
D
E
F
G
H
J
K
L
M
2002
2006
2010
2014
2018
N
P
Q
R
S
T
U
V
W
X
Y
Z
2003
2007
2011
2015
2019
a
b
c
d
e
f
g
h
j
k
l
m
2004
2008
2012
2016
2020
n
p
q
r
s
t
u
v
w
x
y
z
DEC
YEAR
AUG
SEP
OCT
NOV
APR
MAY
JUN
JUL
MONTH
JAN
FEB
MAR



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com