Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VOF-15-12 Datasheet(PDF) 3 Page - CUI INC

Part # VOF-15-12
Description  SWITCHING POWER SUPPLY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VOF-15-12 Datasheet(HTML) 3 Page - CUI INC

  VOF-15-12 Datasheet HTML 1Page - CUI INC VOF-15-12 Datasheet HTML 2Page - CUI INC VOF-15-12 Datasheet HTML 3Page - CUI INC VOF-15-12 Datasheet HTML 4Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
18.0 0.709
0.5
+Vo
N
GND
L
70.0 2.756
0.5
0.1
13.1 0.516
0.1
11.5 0.453
0.335
0.1
(2 PLCS)
2.441
0.1
8.5
48.6 1.913
0.5
11.5 0.453
0.1
62.0
1.1 0.043
(4 PLCS)
0.1
0.315
8.0
(4 PLCS)
1.0 0.039
(4 PLCS)
REV.
DESCRIPTION
DATE
A
NEW DRAWING
1/11/2010
SPECIFIED
±0.3mm UNLESS OTHERWISE
TOLERANCE:
Website: www.cui.com
A
20050 SW 112th Ave.
Tualatin, OR 97062
Phone: 503-612-2300
800-275-4899
Fax: 503-612-2383
RoHS
1:1
SWITCHING POWER SUPPLY
COPYRIGHT 2010 BY CUI INC.
TITLE:
MM [INCHES]
VOF-15
VOF-15
PC FILE NAME:
APPROVED BY:
DRAWN BY:
UNITS:
PART NO.
ZRJ
SCALE:
REV:



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com