Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VOF-15-12 Datasheet(PDF) 1 Page - CUI INC

Part # VOF-15-12
Description  SWITCHING POWER SUPPLY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VOF-15-12 Datasheet(HTML) 1 Page - CUI INC

  VOF-15-12 Datasheet HTML 1Page - CUI INC VOF-15-12 Datasheet HTML 2Page - CUI INC VOF-15-12 Datasheet HTML 3Page - CUI INC VOF-15-12 Datasheet HTML 4Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
a division of CUI INC
date
page
SERIES:
DESCRIPTION:
03/2010
1 of 4
SWITCHING POWER SUPPLY
VOF-15
20050 SW 112th Ave. Tualatin, Oregon 97062
phone 503.612.2300
fax 503.612.2382 www.v-infinity.com
FEATURES
•RoHS compliant
•universal input 85~264 V ac
•over-voltage protection
•over-current protection
•no minimum load required
•UL/cUL, TUV, CE safety approvals
•conducted EMI meets EN55022 class B, FCC class B
•efficiency up to 83%
MODEL
output voltage
output current
output wattage
ripple3
efficiency
nominal
(V dc)
min
(A)
max
(A)
max
(W)
max
(mVp-p)
typ
(%)
VOF-15-3.3
3.3
0
3.0
9.9
100
70
VOF-15-5
5
0
3.0
15
100
75
VOF-15-9
9
0
1.67
15
120
78
VOF-15-12
12
0
1.25
15
120
80
VOF-15-15
15
0
1.0
15
150
80
VOF-15-24
24
0
0.63
15
240
82
VOF-15-48
48
0
0.31
15
480
83
notes:
1. Measured from high line to low line at full load
2. Measured from full load to 10% load at 110 V ac
3. Ripple & noise are measured at 20 MHz BW with 0.1 μF ceramic and 10 μF electrolytic capacitors on the output
RoHS
DE-RATING CURVE
90
264
Input Voltage AC(V)
85
0
0
20
60
40
80
100
220
220
100
80
40
60
20
0
0
85
110
Input Voltage AC(V)
264
120
a. 3.3 V and 5 V models
b. all other models
1. Input volgate vs. load factor
2. Thermal derating, ambient temp. vs. load factor


Similar Part No. - VOF-15-12

ManufacturerPart #DatasheetDescription
logo
CUI INC
VOF-15-12 CUI-VOF-15-12 Datasheet
216Kb / 5P
AC-DC POWER SUPPLY
VOF-15-12 CUI-VOF-15-12 Datasheet
214Kb / 5P
AC-DC POWER SUPPLY - 13
VOF-15-12 CUI-VOF-15-12 Datasheet
217Kb / 5P
AC-DC POWER SUPPLY
VOF-15-12 CUI-VOF-15-12 Datasheet
401Kb / 5P
AC-DC POWER SUPPLY
12/30/2015
More results

Similar Description - VOF-15-12

ManufacturerPart #DatasheetDescription
logo
Sparkle Power Inc.
FSP065-AAB SPI-FSP065-AAB Datasheet
115Kb / 7P
Switching Power Supply
FSP090-1ADC21 SPI-FSP090-1ADC21 Datasheet
130Kb / 7P
Switching Power Supply
logo
CUI INC
EMSA18W CUI-EMSA18W Datasheet
251Kb / 5P
SWITCHING POWER SUPPLY
EPSA120200U CUI-EPSA120200U Datasheet
241Kb / 5P
SWITCHING POWER SUPPLY
EPSA050120UB CUI-EPSA050120UB Datasheet
204Kb / 4P
SWITCHING POWER SUPPLY
EPSA050250U_1009 CUI-EPSA050250U_1009 Datasheet
238Kb / 4P
SWITCHING POWER SUPPLY
EPSA050250UB CUI-EPSA050250UB Datasheet
203Kb / 4P
SWITCHING POWER SUPPLY
EPSA050250UE CUI-EPSA050250UE Datasheet
196Kb / 4P
SWITCHING POWER SUPPLY
EPSA120150UB CUI-EPSA120150UB Datasheet
201Kb / 4P
SWITCHING POWER SUPPLY
logo
Sangdest Microelectroni...
SDURD320 SMC-SDURD320 Datasheet
187Kb / 5P
Switching Power Supply
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com