Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRP7708 Datasheet(PDF) 3 Page - Exar Corporation

Part # XRP7708
Description  Exar?셲 PowerXR D igital Power Solutions
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRP7708 Datasheet(HTML) 3 Page - Exar Corporation

  XRP7708 Datasheet HTML 1Page - Exar Corporation XRP7708 Datasheet HTML 2Page - Exar Corporation XRP7708 Datasheet HTML 3Page - Exar Corporation XRP7708 Datasheet HTML 4Page - Exar Corporation XRP7708 Datasheet HTML 5Page - Exar Corporation XRP7708 Datasheet HTML 6Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Part
Number
Channels Output
Current
Operating
Voltage
Min.
Output
Voltage
Quiescent
Current
Frequency Package Features
Min.
Max.
XRP7713
3
3 x 5A
4.75V
25V
0.9V
9mA
Prog.
0.3MHz to
1.5MHz
TQFN-32
DPWM Controller
I²C (re)configurable
Built-in 3.3V/5V LDO - Integrated Drivers
Full protection
XRP7714
4
5A
4.75V
25V
0.9V
9mA
Prog.
0.3MHz to
1.5MHz
TQFN-40
DPWM Controller
I²C (re)configurable
Built-in 3.3V/5V LDO - Integrated Drivers
Full protection
XRP7704
4
4 x 5A
6.5V
20V
0.9V
9mA
Prog.
0.3MHz to
1.5MHz
TQFN-40
DPWM Controller
I²C (re)configurable
Built-in 3.3V/5V LDO - Integrated Drivers
Full protection
XRP7708
4
2 x 5A
2 x 8A
6.5V
20V
0.9V
9mA
Prog.
0.3MHz to
1.5MHz
TQFN-40
DPWM Controller
I²C (re)configurable
Built-in 3.3V/5V LDO - Integrated Drivers
Full protection
XRP7740
4
2 x 5A
2 x 15A
6.5V
20V
0.9V
9mA
Prog.
0.3MHz to
1.5MHz
TQFN-40
DPWM Controller
I²C (re)configurable
Built-in 3.3V/5V LDO - Integrated Drivers
Full protection
Applications
•
Consumer - Set-Top Box (STB), IP Camera, Plasma
Display Panel (PDP)
•
Computing - Server, Storage Systems
•
Industrial - Automatic Test Equipment, Point of Sale
•
Medical Equipment
•
Networking and Telecommunications Equipment,
Ethernet Adapter cards
PowerXR Family Features
•
Three to four switching buck (step-down) controllers
each with internal FET drivers
•
Output voltages programmable from 0.9V to 5.1V
•
Up to 6 (re)configurable GPIO pins
•
Fully programmable via I²C interface
•
Independent Digital Pulse Width Modulator (DPWM)
channels with five coefficient PID control
•
High Integration: elimination of external circuits and
components required for compensation, parameter
adjustment and interface
•
Programmable DPWM frequency range (300 kHz
to 1.5 MHz) enables efficiency and component size
optimization
•
Complete power monitoring and reporting
•
Independently controlled start-up delay and ramp for
each regulator
•
Independently controlled soft-stop delay and ramp for
each regulator with a programmable stop voltage
•
Over-temperature protection (OTP) and Under Voltage
Lockout (UVLO); per-channel over-current protection
(OCP) and over-voltage protection (OVP)
•
Built-in LDO (configurable to 3.3V or 5V) with over-
current protection
•
Non-volatile memory for system
PowerXR Architecture Overview
GPIO
Vin
OTP
Memory
Configuration
Registers
I²C
Interface
I²C
Under
Voltage
Lockout
Power-
Good
Monitor
Over-
Temp
Monitor
Fault
Handling
Configurable LDO
Linear Voltage Regulator
LDO
GPIO
Ports
Soft Start/Stop Voltage Ramp and Timing Control
Vref
FET
Driver
FET
Driver
FET
Driver
DPWM Switching Controller #1
Internal LDO
DPWM Switching Controller #2
DPWM Switching Controller #3
DPWM Switching Controller #4
FET
Driver
Vout4
Vin4
Vout3
Vin3
Vout2
Vin2
Vout1t
Vin1
3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com