Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRP7708 Datasheet(PDF) 4 Page - Exar Corporation

Part # XRP7708
Description  Exar?셲 PowerXR D igital Power Solutions
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRP7708 Datasheet(HTML) 4 Page - Exar Corporation

  XRP7708 Datasheet HTML 1Page - Exar Corporation XRP7708 Datasheet HTML 2Page - Exar Corporation XRP7708 Datasheet HTML 3Page - Exar Corporation XRP7708 Datasheet HTML 4Page - Exar Corporation XRP7708 Datasheet HTML 5Page - Exar Corporation XRP7708 Datasheet HTML 6Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Exar’s Digital Power Studio™
Exar’s Digital Power Studio (DPS™) interactive design tool enables you to create a complete 5 channel optimized power
supply design with complex sequencing and many advanced power management features all with a few clicks of the mouse.
Download the latest DPS from ww.exar.com/DigitalPower to start and finish your design today.
XRP7740 Application (Vin = 12V, Iout = 3A-15A, Vout = 0.9V-2.5V)
PCI
3.3V
DDR 1.5V
Avtt 1.2V
Avcc 1.0V
Vcc Aux 2.5V
Vcc Int 1.0V
PHY 1.8V
PHY 0.9V
SFP 3.3V
XRP7740
XRP7740
PCI
12V
Sync
Sync
PCI
3.3V
FPGA
PHY
1042
SFP+
VccR
Config
Flash
Core
I/O
VccT
SFP+
VccR VccT
Core
I/O
Vtt
Reg
DDR3
1Gbx16
Data[63:0]
Address, Controller
4



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com