Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF-RK9 Datasheet(PDF) 1 Page - SHIELD s.r.l.

Part # MF-RK9
Description  PUR / PVC, approved ADR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHIELD [SHIELD s.r.l.]
Direct Link  http://www.shield.net
Logo SHIELD - SHIELD s.r.l.

MF-RK9 Datasheet(HTML) 1 Page - SHIELD s.r.l.

  MF-RK9 Datasheet HTML 1Page - SHIELD s.r.l.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.shield.net
CABLES - CAVI
PUR / PVC, approved ADR
Description. Conductor insulation: special PVC. Internal sheath: special PVC. Outer sheath of
shiny polyurethane (PUR). TUV approval for ADR specifications.
Application. Designed according to ADR ISO 6722 specification for installations on road
vehicles. The internal PVC sheath makes for easier cable working with respect to the
correspondent types entirely made of PUR. Good resistance to chemical agents and common
oils.
Max working voltage: 50 Vac / 75 Vdc. Test voltage: 1500 V.
Note to table:
(a) example: 3 = three conductors; 2+1 = two wires + yellow/green earth; s = shielding.
(b) colours: A = brown, blue, black, white, grey; yellow/green earth if present.
N = black with white numbers; yellow/green earth if present.
PUR / PVC, omologato ADR
Descrizione. Isolante conduttori: PVC speciale. Guaina interna: PVC speciale. Guaina esterna
in poliuretano lucido (PUR). Approvazione TUV per specifiche ADR.
Impiego. Progettato secondo le specifiche ADR ISO 6722 per istallazioni su veicoli stradali.
La guaina interna in PVC facilita la lavorazione rispetto ai tipi corrispondenti costruiti in solo
poliuretano. Buona resistenza agli agenti chimici e agli oli comuni.
Tensione massima di lavoro: 50 Vca / 75 Vcc. Tensione di prova: 1500 V.
Note alla tabella:
(a) esempio: 3 = tre conduttori; 2+1 = due conduttori + terra giallo/verde; s = schermo.
(b) colori: A = marrone, blu, nero, bianco, grigio; terra giallo/verde se presente.
N = nero con numeri bianchi; terra giallo/verde se presente.
MF-RK
Formation
Formazione
n x mm2 (a)
Descriptive code
Codice descrittivo
Short
code
Codice
breve
Refer. or style
Rifer. o style
(c)
Sheath colour
Colore guaina
RAL
Wires
colour
Colore
cond.
(b)
Copper
class
Classe
rame
IEC 60228
Static
application
Applicazione
statica
°C
Dynamic
application
Applicazione
dinamica
°C
Note Nota
MF-RK9
2x1,00
MF-RK96-02XD5
658
ADR
bk 9005
D
5
-40...+ 80
(2+1)x1,00
MF-RK96-03GA5
ADR
bk 9005
A
5
-40...+ 80
2x1,50
MF-RK97-02XD5
758
ADR
bk 9005
D
5
-40...+ 80
(2+1)x1,50
MF-RK97-03GA5
ADR
bk 9005
A
5
-40...+ 80
33 MF-R
20080908_1.pdf 44
08/09/2008 17.55.51


Similar Part No. - MF-RK9

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
MF-R BOURNS-MF-R Datasheet
281Kb / 6P
PTC Resettable Fuses
MF-R BOURNS-MF-R Datasheet
210Kb / 6P
PTC Resettable Fuses
MF-R BOURNS-MF-R Datasheet
710Kb / 6P
PTC Resettable Fuses
MF-R BOURNS-MF-R Datasheet
887Kb / 10P
MF-R Series - PTC Resettable Fuses
REV. AL, 05/21
MF-R005 BOURNS-MF-R005 Datasheet
281Kb / 6P
PTC Resettable Fuses
More results

Similar Description - MF-RK9

ManufacturerPart #DatasheetDescription
logo
SHIELD s.r.l.
MC-UE SHIELD-MC-UE Datasheet
90Kb / 1P
PUR, pvc insulation, UL 600 V
MF-HE SHIELD-MF-HE Datasheet
100Kb / 2P
PUR outer sheath, pvc inside
MF-TE SHIELD-MF-TE Datasheet
100Kb / 2P
PUR outer sheath, pvc inside, UL 300 V
MH-PF SHIELD-MH-PF Datasheet
83Kb / 1P
Multi-section cables, UL 300 V, PUR outer sheath, pvc inside
MN-PK SHIELD-MN-PK Datasheet
86Kb / 1P
PVC, HAR approved
logo
List of Unclassifed Man...
JWS21RAA ETC2-JWS21RAA Datasheet
537Kb / 6P
Internationally Approved Rockers
logo
Nihon Kaiheiki Industry...
P2022B NKK-P2022B Datasheet
491Kb / 4P
Internationally Approved Toggles
logo
HB Electronic Component...
MR16-36PCS-W3-GU10 HB-MR16-36PCS-W3-GU10 Datasheet
548Kb / 2P
CE Approved
logo
Littelfuse
00200400 LITTELFUSE-00200400 Datasheet
93Kb / 1P
ADR Cables ??Polyurethane sheath material
00201200 LITTELFUSE-00201200 Datasheet
93Kb / 1P
15-Pole ADR Cables ??Polyurethane sheath material
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com