Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT232R Datasheet(PDF) 7 Page - Future Technology Devices International Ltd.

Part # FT232R
Description  USB UART IC - Single chip USB to asynchronous serial data transfer interface
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT232R Datasheet(HTML) 7 Page - Future Technology Devices International Ltd.

Back Button FT232R Datasheet HTML 3Page - Future Technology Devices International Ltd. FT232R Datasheet HTML 4Page - Future Technology Devices International Ltd. FT232R Datasheet HTML 5Page - Future Technology Devices International Ltd. FT232R Datasheet HTML 6Page - Future Technology Devices International Ltd. FT232R Datasheet HTML 7Page - Future Technology Devices International Ltd. FT232R Datasheet HTML 8Page - Future Technology Devices International Ltd. FT232R Datasheet HTML 9Page - Future Technology Devices International Ltd. FT232R Datasheet HTML 10Page - Future Technology Devices International Ltd. FT232R Datasheet HTML 11Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 43 page
background image
Copyright © 2010 Future Technology Devices International Limited
7
Document No.: FT_000053
FT232R USB UART IC Datasheet Version 2.07
Clearance No.: FTDI# 38
3 Device Pin Out and Signal Description
3.1 28-LD SSOP Package
Figure 3.1 SSOP Package Pin Out and Schematic Symbol
3.2 SSOP Package Pin Out Description
Note: The convention used throughout this document for active low signals is the signal name followed by
a #
Pin No.
Name
Type
Description
15
USBDP
I/O
USB Data Signal Plus, incorporating internal series resistor and 1.5kΩ pull up
resistor to 3.3V.
16
USBDM
I/O
USB Data Signal Minus, incorporating internal series resistor.
Table 3.1 USB Interface Group
Pin No.
Name
Type
Description
4
VCCIO
PWR
+1.8V to +5.25V supply to the UART Interface and CBUS group pins (1...3, 5, 6,
9...14, 22, 23). In USB bus powered designs connect this pin to 3V3OUT pin to
drive out at +3.3V levels, or connect to VCC to drive out at 5V CMOS level. This
pin can also be supplied with an external +1.8V to +2.8V supply in order to drive
outputs at lower levels. It should be noted that in this case this supply should
originate from the same source as the supply to VCC. This means that in bus
powered designs a regulator which is supplied by the +5V on the USB bus should
be used.
7, 18,
21
GND
PWR
Device ground supply pins
USBDP
USBDM
3V3OUT
GND
RESET#
VCC
GND
NC
AGND
TEST
OSCI
OSCO
CBUS1
CBUS0
TXD
RTS#
RXD
DTR#
VCCIO
RI#
GND
NC
DSR#
DCD#
CTS#
CBUS4
CBUS2
CBUS3
1
14
15
28
FT232RL
A
G
N
D
G
N
D
G
N
D
G
N
D
T
E
S
T
25
7
18
21
26
3V3OUT
VCCIO
4
17
NC
RESET#
NC
24
19
8
TXD
RXD
RTS#
CTS#
DTR#
DSR#
DCD#
RI#
1
5
3
11
2
9
10
6
CBUS0
CBUS3
CBUS2
CBUS1
23
22
13
14
20
16
15
USBDP
USBDM
VCC
OSCI
27
OSCO
28
CBUS4
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com