Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT232R Datasheet(PDF) 1 Page - Future Technology Devices International Ltd.

Part # FT232R
Description  USB UART IC - Single chip USB to asynchronous serial data transfer interface
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

FT232R Datasheet(HTML) 1 Page - Future Technology Devices International Ltd.

  FT232R Datasheet HTML 1Page - Future Technology Devices International Ltd. FT232R Datasheet HTML 2Page - Future Technology Devices International Ltd. FT232R Datasheet HTML 3Page - Future Technology Devices International Ltd. FT232R Datasheet HTML 4Page - Future Technology Devices International Ltd. FT232R Datasheet HTML 5Page - Future Technology Devices International Ltd. FT232R Datasheet HTML 6Page - Future Technology Devices International Ltd. FT232R Datasheet HTML 7Page - Future Technology Devices International Ltd. FT232R Datasheet HTML 8Page - Future Technology Devices International Ltd. FT232R Datasheet HTML 9Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 43 page
background image
Copyright © 2010 Future Technology Devices International Limited
1
Document No.: FT_000053
FT232R USB UART IC Datasheet Version 2.07
Clearance No.: FTDI# 38
Future Technology Devices
International Ltd.
FT232R USB UART IC
The FT232R is a USB to serial UART
interface with the following advanced
features:
Single chip USB to asynchronous serial data
transfer interface.
Entire USB protocol handled on the chip. No
USB specific firmware programming required.
Fully integrated 1024 bit EEPROM storing
device descriptors and CBUS I/O configuration.
Fully integrated USB termination resistors.
Fully integrated clock generation with no
external crystal required plus optional clock
output selection enabling a glue-less interface
to external MCU or FPGA.
Data transfer rates from 300 baud to 3 Mbaud
(RS422, RS485, RS232 ) at TTL levels.
128 byte receive buffer and 256 byte transmit
buffer utilising buffer smoothing technology to
allow for high data throughput.
FTDI‟s royalty-free Virtual Com Port (VCP) and
Direct
(D2XX)
drivers
eliminate
the
requirement for USB driver development in
most cases.
Unique USB FTDIChip-ID™ feature.
Configurable CBUS I/O pins.
Transmit and receive LED drive signals.
UART interface support for 7 or 8 data bits, 1
or 2 stop bits and odd / even / mark / space /
no parity
FIFO receive and transmit buffers for high data
throughput.
Synchronous
and
asynchronous
bit
bang
interface options with RD# and WR# strobes.
Device supplied pre-programmed with unique
USB serial number.
Supports bus powered, self powered and high-
power bus powered USB configurations.
Integrated +3.3V level converter for USB I/O.
Integrated level converter on UART and CBUS
for interfacing to between +1.8V and +5V
logic.
True 5V/3.3V/2.8V/1.8V CMOS drive output
and TTL input.
Configurable I/O pin output drive strength.
Integrated power-on-reset circuit.
Fully integrated AVCC supply filtering - no
external filtering required.
UART signal inversion option.
+3.3V (using external oscillator) to +5.25V
(internal oscillator) Single Supply Operation.
Low operating and USB suspend current.
Low USB bandwidth consumption.
UHCI/OHCI/EHCI host controller compatible.
USB 2.0 Full Speed compatible.
-40°C to 85°C extended operating temperature
range.
Available in compact Pb-free 28 Pin SSOP and
QFN-32 packages (both RoHS compliant).
Neither the whole nor any part of the information contained in, or the product described in this manual, may be adapted or reproduced
in any material or electronic form without the prior written consent of the copyright holder. This product and its documentation are
supplied on an as-is basis and no warranty as to their suitability for any particular purpose is either made or implied. Future Technology
Devices International Ltd will not accept any claim for damages howsoever arising as a result of use or failure of this product. Your
statutory rights are not affected. This product or any variant of it is not intended for use in any medical appliance, device or system in
which the failure of the product might reasonably be expected to result in personal injury. This document provides preliminary
information that may be subject to change without notice. No freedom to use patents or other intellectual property rights is implied by
the publication of this document. Future Technology Devices International Ltd, Unit 1, 2 Seaward Place, Centurion Business Park, Glasgow
G41 1HH United Kingdom. Scotland Registered Company Number: SC136640


Similar Part No. - FT232R

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
FT232R FTDI-FT232R Datasheet
795Kb / 29P
Incorporating Clock Generator Output and FTDIChip-ID Security Dongle
logo
Analog Devices
FT232R AD-FT232R Datasheet
373Kb / 5P
USB-Based Temperature Monitor Using the ADuCM360 Precision Analog Microcontroller
REV. 0
logo
List of Unclassifed Man...
FT232R ETC2-FT232R Datasheet
776Kb / 43P
Future Technology Devices International Ltd.
logo
Future Technology Devic...
FT232R FTDI-FT232R Datasheet
1Mb / 40P
Single chip USB to asynchronous serial data transfer interface
FT232RL FTDI-FT232RL Datasheet
795Kb / 29P
Incorporating Clock Generator Output and FTDIChip-ID Security Dongle
More results

Similar Description - FT232R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CP2103 ETC1-CP2103 Datasheet
399Kb / 18P
SINGLE-CHIP USB TO UART BRIDGE
logo
Future Technology Devic...
FT232BQ FTDI-FT232BQ Datasheet
557Kb / 26P
USB UART ( USB - Serial) I.C.
logo
Silicon Laboratories
CP2102 SILABS-CP2102 Datasheet
408Kb / 18P
SINGLE-CHIP USB TO UART BRIDGE
logo
Future Technology Devic...
FT232BM FTDI-FT232BM Datasheet
575Kb / 25P
USB UART ( USB - Serial) I.C.
FT245R FTDI-FT245R_10 Datasheet
772Kb / 37P
USB FIFO IC - Single chip USB to parallel FIFO bidirectional data transfer interface
logo
Freescale Semiconductor...
USB2SER FREESCALE-USB2SER Datasheet
1Mb / 28P
USB to UART Application Specific IC Single chip USB to UART Data Transfer
logo
Future Technology Devic...
FT231XQ-T FTDI-FT231XQ-T Datasheet
830Kb / 44P
Single chip USB to asynchronous serial data transfer interface
logo
List of Unclassifed Man...
CH340G ETC2-CH340G Datasheet
207Kb / 6P
USB to UART Interface
CH340G ETC-CH340G Datasheet
2Mb / 9P
USB to UART Interface
logo
Future Technology Devic...
FT232RL FTDI-FT232RL_V01 Datasheet
1Mb / 40P
Single chip USB to asynchronous serial data transfer interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com