Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V2-EVAL Datasheet(PDF) 21 Page - Future Technology Devices International Ltd.

Part # V2-EVAL
Description  Vinculum II Evaluation Board
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

V2-EVAL Datasheet(HTML) 21 Page - Future Technology Devices International Ltd.

Back Button V2-EVAL Datasheet HTML 17Page - Future Technology Devices International Ltd. V2-EVAL Datasheet HTML 18Page - Future Technology Devices International Ltd. V2-EVAL Datasheet HTML 19Page - Future Technology Devices International Ltd. V2-EVAL Datasheet HTML 20Page - Future Technology Devices International Ltd. V2-EVAL Datasheet HTML 21Page - Future Technology Devices International Ltd. V2-EVAL Datasheet HTML 22Page - Future Technology Devices International Ltd. V2-EVAL Datasheet HTML 23Page - Future Technology Devices International Ltd. V2-EVAL Datasheet HTML 24Page - Future Technology Devices International Ltd. V2-EVAL Datasheet HTML 25Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 64 page
background image
Copyright © 2010 Future Technology Devices International Limited
20
Document Reference No.: FT_000247
V2-EVAL Vinculum II Evaluation Board Datasheet Version 2.0
Clearance No.: FTDI#148
5.3
SPI Connector C9
Table 5.7
details connector pinout for the SPI connector C9. A full description of each signal is available
in the VNC2 data sheet.
Figure 5.8
SPI Connector CN9
Signal name
Connector
pin
VCN2 Pin No
IO type
Description
48-PIN
64-PIN
5V(22)
1
-
-
-
5V power rail.
GND
2
-
-
-
Ground pin
3.3V(23)
3
-
-
-
3.3V power rail.
SCLK (24)
4
20
61
Input
SPI CLK Input
SDO (24)
5
21
62
Output
SPI Master out slave in
SDI(24)
6
22
63
Input
SDI Master in slave out
CS# (24)
7
23
64
Output
Active low slave chip select 0 from master to
slave 0
GND
8
-
-
-
Ground pin
Notes:
(22) This pin is connected to the board‟s 5V power rail. External device can draw no more than 250mA when
board is powered from an external power supply and no more than 50mA when the board is powered from
USB bus.
(23) This pin is connected to 3.3V regulator output. External device can draw no more than 100mA when board
is powered from an external power supply and no more than 50mA when the board is powered from USB
bus.
(24) All VNC2‟s IO pins can be driven from 3.3V LVTTL TTL logic levels..
The use of these pins for GPIO is set by the IOMUX on the VNC2 device. The pins are shared by other
connectors on the board. Care should be taken to ensure that pins are not driven from other headers on
the board.
Table 5.7
SPI Port Connector CN9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com