Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V2-EVAL Datasheet(PDF) 39 Page - Future Technology Devices International Ltd.

Part # V2-EVAL
Description  Vinculum II Evaluation Board
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

V2-EVAL Datasheet(HTML) 39 Page - Future Technology Devices International Ltd.

Back Button V2-EVAL Datasheet HTML 35Page - Future Technology Devices International Ltd. V2-EVAL Datasheet HTML 36Page - Future Technology Devices International Ltd. V2-EVAL Datasheet HTML 37Page - Future Technology Devices International Ltd. V2-EVAL Datasheet HTML 38Page - Future Technology Devices International Ltd. V2-EVAL Datasheet HTML 39Page - Future Technology Devices International Ltd. V2-EVAL Datasheet HTML 40Page - Future Technology Devices International Ltd. V2-EVAL Datasheet HTML 41Page - Future Technology Devices International Ltd. V2-EVAL Datasheet HTML 42Page - Future Technology Devices International Ltd. V2-EVAL Datasheet HTML 43Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 64 page
background image
Copyright © 2010 Future Technology Devices International Limited
38
Document Reference No.: FT_000247
V2-EVAL Vinculum II Evaluation Board Datasheet Version 2.0
Clearance No.: FTDI#148
6 FT4232H Configuration
The V2-EVAL board features a FT4232H, a high speed USB to quad channel UART / serial converter
device. The device is primarily featured to provide a connection from the board to a PC host via the
onboard USB type B connector. Each of the four channels on the FT4232H device are used to provide a
separate functions on the V2-EVAL board.
The functions of the FT4232H include:
Channel A – UART interface. The FT4232H provides USB to UART conversion to allow a PC / USB
host PC to communicate with the VNC2, via the UART interface.
Channel B – Debug interface control. Enable software tool chain connectivity to the VNC2 debug
interface via the the USB type B connector on the board.
Channel C - Provide a UART data „sniffer‟ interface allowing inputs to the VNC2 UART interface to
be displayed on the host PC software.
Channel D – Device control.
I/O pins are used to control the onboard multiplexer.
The
multiplexer allows different interfaces to drive the VNC2 UART interface as well as the VNC2
PROG# and RESET# pins.
Figure 6.1, outlines the configuration circuit for FT4232H I/O ports.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com