Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTA Datasheet(PDF) 2 Page - Tyco Electronics

Part # MTA
Description  Toggle Switches, MT Series, Wire Lug, Long Bat Actuator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MTA Datasheet(HTML) 2 Page - Tyco Electronics

  MTA Datasheet HTML 1Page - Tyco Electronics MTA Datasheet HTML 2Page - Tyco Electronics MTA Datasheet HTML 3Page - Tyco Electronics MTA Datasheet HTML 4Page - Tyco Electronics MTA Datasheet HTML 5Page - Tyco Electronics MTA Datasheet HTML 6Page - Tyco Electronics MTA Datasheet HTML 7Page - Tyco Electronics MTA Datasheet HTML 8Page - Tyco Electronics MTA Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
C44
Catalog 1308390
Dimensions are in inches
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 9-04
and millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in parentheses
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
or brackets are metric equivalents. to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
C
Tyco
Alcoswitch
Type Act. Code P. M5
Electronics
3-1437558-6
MTA306DPC 3PDT
3
On None On
3-1437558-8
MTA306EPC 3PDT
7
On Off On
Tyco
Alcoswitch
Type Act. Code P. M5
Electronics
4-1437558-0
MTA306FPC 3PDT
3
On None (On)
4-1437558-2
MTA306HPC 3PDT
7
On Off (On)
Catalog 1308390
Dimensions are in inches
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 9-04
and millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in parentheses
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
or brackets are metric equivalents. to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
MTA-PC Series
Toggle Switches, MT Series, PC Tail, Long Bat Actuator
SEE PAGE C43 FOR PRODUCT SPECIFICATIONS
For terminal connections refer to Code Chart. (See Page M5-6)
MTA106DPC
SPDT
Tyco
Alcoswitch
Type Act. Code P. M5
Electronics
1-1437558-1
MTA106DPC SPDT
1
On None On
1-1437558-3
MTA106EPC SPDT
5
On Off On
1-1437558-5
MTA106FPC SPDT
1
On None (On)
Tyco
Alcoswitch
Type Act. Code P. M5
Electronics
1-1437558-7
MTA106GPC SPDT
5
(On) Off (On)
1-1437558-9
MTA106HPC SPDT
5
On Off (On)
(On) indicates momentary position.
DPDT/SP3T
MTA206NPC
MTA306DPC
3PDT
(On) indicates momentary position.
Tyco
Alcoswitch
Type Act. Code P. M5
Electronics
4-1437558-4
MTA406NPC 4PDT
4
On None On
4-1437558-8
MTA406PPC 4PDT
8
On Off On
Tyco
Alcoswitch
Type Act. Code P. M5
Electronics
4-1437558-7
MTA406PAPC DP3T
12
On On On
.022 Dp. x .040 W
(0.55) Dp. x 1.00 W
Keyway
.120
(3.00)
Dia.
24˚
1/4-40
UNS-2A
.485
(12.32)
.315
(8.00)
.492
(12.50)
.157
(4.00)
.030
(0.76) Typ.
.701
(17.81)
.512
(13.00)
.170
(4.32)
.190
(4.83)
Tyco
Alcoswitch
Type Act. Code P. M5
Electronics
2-1437558-1
MTA206NPC DPDT
2
On None On
2-1437558-5
MTA206PPC DPDT
6
On Off On
2-1437558-8
MTA206RPC DPDT
2
On None (On)
3-1437558-1
MTA206SPC DPDT
6
(On) Off (On)
3-1437558-4
MTA206TPC DPDT
6
On Off (On)
Tyco
Alcoswitch
Type Act. Code P. M5
Electronics
2-1437558-4 *MTA206PAPC SP3T
11
On On On
MTA206SAPC SP3T
11
(On) On (On)
(On) indicates momentary position.
* Note: PA types - case .100/(2.50) longer than other types.
4PDT/DP3T
MTA406NPC
.022 Dp. x .040 W
(0.55) Dp. x 1.00 W
Keyway
.120
(3.00)
Dia.
1/4-40
UNS-2A
.315
(8.0)
.394
(10.0)
.157
(4.00)
.030
(0.76) Typ.
.315
(8.00)
.022 Dp. x .040 W
(0.55) Dp. x 1.00 W
Keyway
24˚
.413
(10.49)
.030
(0.76) Typ.
.315
(8.00)
.512
(13.00)
.062
(1.60)
.189
(4.80)
.252
(6.40)
.032
(0.81)
.228
(5.79)
.095
(2.41)
.244
(6.20)
.170
(4.32)
.022 Dp. x .040 W
(0.55) Dp. x 1.00 W
Keyway
.120
(3.00)
Dia.
24˚
1/4-40
UNS-2A
.413
(10.49)
.315
(8.0)
.394
(10.0)
.157
(4.00)
.030
(0.76) Typ.
.512
(13.00)
.512
(13.00)
.252
(6.40)
Dia.
.032
(0.81)
.228
(5.79)
.095
(2.41)
.244
(6.20)
.170
(4.32)
.190
(4.83)
Typ.
.
.252
(6.40)
Dia.
.032
(0.81)
.228
(5.79)
.095
(2.41)
.244
(6.20)
.
.022 Dp. x .040 W
(0.55) Dp. x 1.00 W
Keyway
.120
(3.00)
Dia.
24˚
1/4-40
UNS-2A
.413
(10.49)
.315
(8.0)
.492
(12.5)
.157
(4.00)
.030
(0.76) Typ.
.890
(22.60)
.512
(13.00)
.190
(4.83)
Typ.
.170
(4.32)
Typ.
.252
(6.40)
Dia.
.032
(0.81)
.228
(5.79)
.095
(2.41)
.244
(6.20)
.
.086
(2.18)
.062
(1.60)
.189
(4.80)
.046
(1.17)
.086
(2.18)
.062
(1.60)
.189
(4.80)
.046
(1.17)
.086
(2.18)
.062
(1.60)
.189
(4.80)
.046
(1.17)
.189
(4.80)
.046
(1.17)
.086
(2.18)
.062
(1.57)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com