Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTA Datasheet(PDF) 5 Page - Tyco Electronics

Part # MTA
Description  Toggle Switches, MT Series, Wire Lug, Long Bat Actuator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MTA Datasheet(HTML) 5 Page - Tyco Electronics

  MTA Datasheet HTML 1Page - Tyco Electronics MTA Datasheet HTML 2Page - Tyco Electronics MTA Datasheet HTML 3Page - Tyco Electronics MTA Datasheet HTML 4Page - Tyco Electronics MTA Datasheet HTML 5Page - Tyco Electronics MTA Datasheet HTML 6Page - Tyco Electronics MTA Datasheet HTML 7Page - Tyco Electronics MTA Datasheet HTML 8Page - Tyco Electronics MTA Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
C47
C
Catalog 1308390
Dimensions are in inches
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Issued 9-04
and millimeters unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified. Values in parentheses
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
or brackets are metric equivalents. to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
MTF Series
Toggle Switches, MT Series, Wire Lug, Flat Actuator
SEE PAGE C43 FOR PRODUCT SPECIFICATIONS
For terminal connections refer to Code Chart. (See Page M5-6)
SPDT
MTF106D
Satin Chrome
Bright Chrome
Tyco Electronics Alcoswitch
Tyco Electronics Alcoswitch
Type
Act. Code P. M5
8-1437558-3
MTF106D
8-1437558-8
MTF126D
SPDT
1
On None On
8-1437558-4
MTF106E
8-1437558-9
MTF126E
SPDT
5
On Off On
8-1437558-5
MTF106F
9-1437558-0
MTF126F
SPDT
1
On None (On)
8-1437558-6
MTF106G
9-1437558-1
MTF126G
SPDT
5
(On) Off (On)
8-1437558-7
MTF106H
SPDT
5
On Off (On)
(On) indicates momentary position.
DPDT/SP3T
MTF206N
Satin Chrome
Bright Chrome
Tyco Electronics Alcoswitch
Tyco Electronics Alcoswitch
Type
Act. Code P. M5
9-1437558-2
MTF206N
9-1437558-9
MTF226N
DPDT
2
On None On
9-1437558-3
MTF206P
1437559-1
MTF226P
DPDT
6
On Off On
9-1437558-5
MTF206R
DPDT
2
On None (On)
9-1437558-6
MTF206S
1437559-4
MTF226S
DPDT
6
(On) Off (On)
9-1437558-8
MTF206T
DPDT
6
On Off (On)
9-1437558-4
*MTF206PA
1437559-2
*MTF226PA SP3T
11
On On On
9-1437558-7
*MTF206SA
1437559-5
*MTF226SA SP3T
11
(On) On (On)
*Note: PA & SA types have case .100/(2.50) longer than other types.
3PDT
Satin Chrome
Bright Chrome
Tyco Electronics Alcoswitch
Tyco Electronics Alcoswitch
Type
Act. Code P. M5
1437559-6
MTF306D
1437559-7
MTF326D
3PDT
3
On None On
Satin Chrome
Bright Chrome
Tyco Electronics Alcoswitch
Tyco Electronics Alcoswitch
Type
Act. Code P. M5
1437559-8
MTF406N
1437559-9
MTF426N
4PDT
4
On None On
.022 Dp. x .040 W
(0.55) Dp. x 1.00 W
Keyway
.120
(3.00)
Dia.
24˚
1/4-40
UNS-2A
.485
(12.32)
.315
(8.00)
.492
(12.50)
.157
(4.00)
.030
(0.76) Typ.
.701
(17.81)
.512
(13.00)
.170
(4.32)
.190
(4.83)
.200
(5.10)
1/4-40 UNS-2A
.485
(12.32)
.100
(2.50)
.315
(8.00)
.394
(10.00)
.030
(0.76)
TYP.
.157
(4.00)
24
.022 Dp. x .040 W
(0.55 Dp. x 1.00 W)
KEYWAY
.512
(13.00)
.512
(13.00)
.190
(4.80)
TYP.
(6.20)
.512
(13.00)
.315
(8.00)
.200
(5.10)
1/4-40 UNS-2A
.485
(12.32)
.100
(2.50)
.315
(8.00)
.394
(10.00)
.030
(0.76)
TYP.
.157
(4.00)
TYP.
24
.022 Dp. x .040 W
(0.55 Dp. x 1.00 W)
KEYWAY
MTF406N
4PDT
.200
(5.10)
1/4-40 UNS-2A
.485
(12.32)
.100
(2.50)
.315
(8.00)
.492
(12.50)
.030
(0.76)
TYP.
.170
(4.30)
TYP.
.157
(4.00)
24
.022 Dp. x .040 W
(0.55 Dp. x 1.00 W)
KEYWAY
.190
(4.80)
TYP.
.512
(13.00)
.890
(22.60)
MTF306D
.086
(2.18)
.039 x .078
(1.00 x 1.98)
Oblong Hole
.086
(2.18)
.039 x .078
(1.00 x 1.98)
Oblong Hole
.086
(2.18)
.039 x .078
(1.00 x 1.98)
Oblong Hole
.086
(2.18)
.039 x .078
(1.00 x 1.98)
Oblong Hole
.252
(6.40)
Dia.
.032
(0.81)
.228
(5.79)
.095
(2.41)
.244
(6.20)
.252
(6.40)
Dia.
.032
(0.81)
.228
(5.79)
.095
(2.41)
.244
(6.20)
.252
(6.40)
Dia.
.032
(0.81)
.228
(5.79)
.095
(2.41)
.244
(6.20)
.252
(6.40)
Dia.
.032
(0.81)
.228
(5.79)
.095
(2.41)
.244
(6.20)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com