Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TEA3718SP Datasheet(PDF) 7 Page - STMicroelectronics

Part # TEA3718SP
Description  Stepper motor driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TEA3718SP Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TEA3718SP Datasheet HTML 3Page - STMicroelectronics TEA3718SP Datasheet HTML 4Page - STMicroelectronics TEA3718SP Datasheet HTML 5Page - STMicroelectronics TEA3718SP Datasheet HTML 6Page - STMicroelectronics TEA3718SP Datasheet HTML 7Page - STMicroelectronics TEA3718SP Datasheet HTML 8Page - STMicroelectronics TEA3718SP Datasheet HTML 9Page - STMicroelectronics TEA3718SP Datasheet HTML 10Page - STMicroelectronics TEA3718SP Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
Electrical specifications
7/26
3
Electrical specifications
3.1
Absolute maximum ratings
3.2
Recommended operating conditions
Table 4.
Absolute maximum ratings
Symbol
Parameters
Value
Unit
VSS
VS
Supply voltage
7
50
V
VI
Input voltage:
– logic inputs
– analog inputs
– reference input
6
VSS
15
V
ii
Input current:
– logic inputs
– analog inputs
-10
-10
mA
IO
Output current
±1.5
A
TJ
Junction temperature
+150
oC
Top
Operating ambient temperature range
0 to 70
oC
Tstg
Storage temperature range
-55 to +150 oC
Table 5.
Recommended operating conditions
Symbol
Parameters
SO20
Power DIP
Multiwatt 15
Unit
VSS
Supply voltage
4.75
5
5.25
V
Vs
Supply voltage
10
-
45
V
Im
Output current
0.020
-
1.2
A
Tamb
Ambient temperature
0
-
70
oC
tr
Rise time for logic inputs
-
-
2
µs
tf
Fall time for logic inputs
-
-
2
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com