Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TEA3718SP Datasheet(PDF) 17 Page - STMicroelectronics

Part # TEA3718SP
Description  Stepper motor driver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TEA3718SP Datasheet(HTML) 17 Page - STMicroelectronics

Back Button TEA3718SP Datasheet HTML 13Page - STMicroelectronics TEA3718SP Datasheet HTML 14Page - STMicroelectronics TEA3718SP Datasheet HTML 15Page - STMicroelectronics TEA3718SP Datasheet HTML 16Page - STMicroelectronics TEA3718SP Datasheet HTML 17Page - STMicroelectronics TEA3718SP Datasheet HTML 18Page - STMicroelectronics TEA3718SP Datasheet HTML 19Page - STMicroelectronics TEA3718SP Datasheet HTML 20Page - STMicroelectronics TEA3718SP Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
Functional description
17/26
5
Functional description
The circuit is intended to drive a bipolar constant current through one motor winding. The
constant current is generated through switch mode regulation.
There is a choice of three different current levels with the two logic inputs lN0 and lN1. The
current can also be switched off completely.
5.1
Input logic
If any logic input is left open, the circuit treats it as a high-level input.
l
5.2
Phase input
The PHASE input pin determines the direction of current flow in the winding, depending on
the motor connections. The signal is fed through a Schmidt trigger for noise immunity, and
through a time delay in order to guarantee that no short-circuit occurs in the output stage
during phase-shift. A high level on the PHASE input causes the motor current flow from
OUTA through the winding to OUTB.
The lH0 and lH1 input pins select the current level in the motor winding. The values of the
different current levels are determined by the reference voltage VR together with the value of
the sensing resistor RS.
5.3
Current sensor
This part contains a current sensing resistor (RS), a low pass filter (RC, CC) and three
comparators. Only one comparator is active at a time. It is activated by the input logic
according to the current level chosen with signals IN0 and IN1. The motor current flows
through the sensing resistor RS. When the current has increased so that the voltage across
RS becomes higher than the reference voltage on the other comparator input, the
comparator output goes high, which triggers the pulse generator and its output goes high
during a fixed pulse time (toff), thus switching off the power feed to the motor winding, and
causing the motor current to decrease during toff.
Table 8.
Truth table
IN0
IN1
Current level
H
H
No current
L
H
Low current
H
L
Medium current
L
L
Maximum current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com