Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STK22N6F3 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STK22N6F3
Description  N-channel 60 V, 0.0055 OHM, 22 A, PolarPAK STripFET Power MOSFET
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STK22N6F3 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STK22N6F3 Datasheet HTML 2Page - STMicroelectronics STK22N6F3 Datasheet HTML 3Page - STMicroelectronics STK22N6F3 Datasheet HTML 4Page - STMicroelectronics STK22N6F3 Datasheet HTML 5Page - STMicroelectronics STK22N6F3 Datasheet HTML 6Page - STMicroelectronics STK22N6F3 Datasheet HTML 7Page - STMicroelectronics STK22N6F3 Datasheet HTML 8Page - STMicroelectronics STK22N6F3 Datasheet HTML 9Page - STMicroelectronics STK22N6F3 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Electrical characteristics
STK22N6F3
6/15
Doc ID 14850 Rev 2
2.1
Electrical characteristics (curves)
Figure 2.
Safe operating area
Figure 3.
Thermal impedance
Figure 4.
Output characteristics
Figure 5.
Transfer characteristics
Figure 6.
Normalized BVDSS vs temperaure
Figure 7.
Static drain-source on resistance
ID
100
10
1
0.01
0.1
1
VDS(V)
10
(A)
Oper
ation
in
thi
s a
rea
is
Limited
by
m
ax
R
DS
(on)
10ms
100ms
1s
Tj=150°C
Tc=25°C
Sinlge
pulse
1000
AM03397v1
ID
75
50
25
0
0
4
VDS(V)
8
(A)
2
6
100
125
5V
6V
7V
VGS=10V
150
175
200
AM03398v1
ID
75
50
25
0
0
4
VGS(V)
8
(A)
2
6
100
125
150
175
200
VDS=8V
AM03399v1
BVDSS
-50
0
TJ(°C)
(norm)
-25
75
25
50
100
0.90
0.95
1.00
1.05
1.10
125 150
AM03400v1
RDS(on)
5.3
5.2
5.1
5.0
0
10
ID(A)
(
Ω)
5
15
5.4
5.5
5.6
5.7
ID=11A
VGS=10V
20
5.8
AM03891v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com