Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STK22N6F3 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STK22N6F3
Description  N-channel 60 V, 0.0055 OHM, 22 A, PolarPAK STripFET Power MOSFET
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STK22N6F3 Datasheet(HTML) 4 Page - STMicroelectronics

  STK22N6F3 Datasheet HTML 1Page - STMicroelectronics STK22N6F3 Datasheet HTML 2Page - STMicroelectronics STK22N6F3 Datasheet HTML 3Page - STMicroelectronics STK22N6F3 Datasheet HTML 4Page - STMicroelectronics STK22N6F3 Datasheet HTML 5Page - STMicroelectronics STK22N6F3 Datasheet HTML 6Page - STMicroelectronics STK22N6F3 Datasheet HTML 7Page - STMicroelectronics STK22N6F3 Datasheet HTML 8Page - STMicroelectronics STK22N6F3 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Electrical characteristics
STK22N6F3
4/15
Doc ID 14850 Rev 2
2
Electrical characteristics
(TCASE=25 °C unless otherwise specified)
Table 4.
On/off states
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source breakdown
voltage
ID = 250 µA, VGS= 0
60
-
-
V
IDSS
Zero gate voltage drain
current (VGS = 0)
VDS = Max rating,
VDS = Max rating,Tc=125 °C
--
10
100
µA
µA
IGSS
Gate body leakage current
(VDS = 0)
VGS = ± 20V
-
-
±
200
nA
VGS(th)
Gate threshold voltage
VDS= VGS, ID = 250 µA
2
-
4
V
RDS(on)
Static drain-source on
resistance
VGS= 10 V, ID= 11 A
-
0.0055
0.006
Ω
Table 5.
Dynamic
Symbol
Parameter
Test conditions
Min.
Typ. Max.
Unit
Ciss
Coss
Crss
Input capacitance
Output capacitance
Reverse transfer
capacitance
VDS =25 V, f=1 MHz, VGS=0
-
2500
536
44
-
pF
pF
pF
Qg
Qgs
Qgd
Total gate charge
Gate-source charge
Gate-drain charge
VDD=48 V, ID = 22 A
VGS =10 V
Figure 14
-
41
12
10
-
nC
nC
nC
RG
Gate input resistance
f=1 MHz Gate DC Bias = 0
Test signal level = 20 mV
open drain
-0.9
-
Ω
Table 6.
Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max. Unit
td(on)
tr
Turn-on delay time
Rise time
VDD= 30 V, ID= 11 A,
RG=4.7 Ω, VGS= 10 V
Figure 13
-
16
14
-
ns
ns
td(off)
tf
Turn-off delay time
Fall time
VDD=30 V, ID= 11 A,
RG=4.7 Ω, VGS= 10 V
Figure 13
-
28
5
-
ns
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com