Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF49XA Datasheet(PDF) 21 Page - Microchip Technology

Part # MRF49XA
Description  ISM Band Sub-GHz RF Transceiver
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MRF49XA Datasheet(HTML) 21 Page - Microchip Technology

Back Button MRF49XA Datasheet HTML 17Page - Microchip Technology MRF49XA Datasheet HTML 18Page - Microchip Technology MRF49XA Datasheet HTML 19Page - Microchip Technology MRF49XA Datasheet HTML 20Page - Microchip Technology MRF49XA Datasheet HTML 21Page - Microchip Technology MRF49XA Datasheet HTML 22Page - Microchip Technology MRF49XA Datasheet HTML 23Page - Microchip Technology MRF49XA Datasheet HTML 24Page - Microchip Technology MRF49XA Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 102 page
background image
© 2009 Microchip Technology Inc.
Preliminary
DS70590B-page 19
MRF49XA
bit 10
LBTD:
Low Battery Threshold Detect bit
Indicates whether the battery or supply voltage is below the preprogrammed threshold limit.
1
= Supply voltage is below threshold
0
= Normal supply voltage feed
bit 9
FIFOEM:
FIFO Empty bit
Indicates whether the receive FIFO is empty or filled.
1
= FIFO is empty
0
= FIFO is filled
bit 8
ATRSSI:
Antenna Tuning and Received Signal Strength Indicator bit
Transmit mode:
The bit indicates that the antenna tuning circuit has detected a strong RF signal.
1
= Strong RF signal present
0
= Weak or absence of RF signal
Receive mode:
The bit indicates that the incoming RF signal is above the preprogrammed digital RSSI limit.
1
= RF signal is above the threshold value set
0
= RF signal is less than the threshold value set
bit 7
DQDO:
Data Quality Detect/Indicate Output bit
Indicates good data quality output.
1
= Quality data is detected
0
= Quality data is unavailable
bit 6
CLKRL:
Clock Recovery Lock bit
Indicates clock recovery is locked.
1
= Clock recovery locked
0
= Clock recovery unlocked
bit 5
AFCCT:
Automatic Frequency Control Cycle Toggle bit
For each AFC cycle run, this bit toggles between logic ‘1’ and logic ‘0’.
1
= AFC cycle has occurred
0
= No AFC in this cycle
bit 4
OFFSV:
Offset Sign Value bit
Indicates the measured difference or frequency offset of any AFC cycle (sign of the offset value).
1
= Higher than the chip frequency
0
= Lower than the chip frequency
bit 3-0
OFFSB<3:0>:
Offset bits
The offset value to be added to the frequency control parameter (internal PLL).(4)
1
= Result is negative
0
= Result is positive
Note:
See Appendix A: “Read Sequence and Packet Structures” for the STSREG read sequence,.
REGISTER 2-1:
STSREG: STATUS READ REGISTER (POR: 0x0000)(1) (CONTINUED)
Note 1:
All register commands begin with logic ‘1’ and only the STATUS register read command begins with logic ‘0’.
2:
This bit is multiplexed for Transmit or Receive mode.
3:
See the FFBC bits (FIFORSTREG<3:0>) in Register 2-10.
4:
To get accurate values, the AFC should be disabled during the read by clearing the FOFEN bit
(AFCCREG<0>). The AFC offset value (OFFSB bits in the status word) is represented as a two’s
complement number. The actual frequency offset can be calculated as the AFC offset value multiplied by
the current PLL frequency step from CFSREG (FREQB<11:0>).
5:
This bit is cleared after STSREG is read.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com