Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF49XA Datasheet(PDF) 39 Page - Microchip Technology

Part # MRF49XA
Description  ISM Band Sub-GHz RF Transceiver
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MRF49XA Datasheet(HTML) 39 Page - Microchip Technology

Back Button MRF49XA Datasheet HTML 35Page - Microchip Technology MRF49XA Datasheet HTML 36Page - Microchip Technology MRF49XA Datasheet HTML 37Page - Microchip Technology MRF49XA Datasheet HTML 38Page - Microchip Technology MRF49XA Datasheet HTML 39Page - Microchip Technology MRF49XA Datasheet HTML 40Page - Microchip Technology MRF49XA Datasheet HTML 41Page - Microchip Technology MRF49XA Datasheet HTML 42Page - Microchip Technology MRF49XA Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 102 page
background image
© 2009 Microchip Technology Inc.
Preliminary
DS70590B-page 37
MRF49XA
bit 0
CLKOEN:
Clock Output Enable bit
On-chip Reset or power-up clock output is enabled so that a processor can execute any special setup
sequences as required by the designer.(2)
1
= Disables the clock output
0
= Enables the clock output(4)
REGISTER 2-13:
PMCREG: POWER MANAGEMENT CONFIGURATION REGISTER
(POR: 0x8208) (CONTINUED)
Note 1:
This bit can be disabled to reduce current consumption.
2:
See BCSREG (Register 2-16) for programming details.
3:
See WTSREG (Register 2-14) for details on programming the wake-up timer value.
4:
If the CLKOEN bit is cleared by enabling the clock output, the oscillator continues to run even if the
OSCEN bit is cleared. The device will not fully enter into the Sleep mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com