Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC24FJ16GA Datasheet(PDF) 21 Page - Microchip Technology

Part # PIC24FJ16GA
Description  28/44-Pin General Purpose, 16-Bit Flash Microcontrollers
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ16GA Datasheet(HTML) 21 Page - Microchip Technology

Back Button PIC24FJ16GA Datasheet HTML 17Page - Microchip Technology PIC24FJ16GA Datasheet HTML 18Page - Microchip Technology PIC24FJ16GA Datasheet HTML 19Page - Microchip Technology PIC24FJ16GA Datasheet HTML 20Page - Microchip Technology PIC24FJ16GA Datasheet HTML 21Page - Microchip Technology PIC24FJ16GA Datasheet HTML 22Page - Microchip Technology PIC24FJ16GA Datasheet HTML 23Page - Microchip Technology PIC24FJ16GA Datasheet HTML 24Page - Microchip Technology PIC24FJ16GA Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 262 page
background image
© 2008 Microchip Technology Inc.
Preliminary
DS39881C-page 19
PIC24FJ64GA004 FAMILY
TABLE 2-1:
CPU CORE REGISTERS
FIGURE 2-2:
PROGRAMMER’S MODEL
Register(s) Name
Description
W0 through W15
Working Register Array
PC
23-Bit Program Counter
SR
ALU STATUS Register
SPLIM
Stack Pointer Limit Value Register
TBLPAG
Table Memory Page Address Register
PSVPAG
Program Space Visibility Page Address Register
RCOUNT
Repeat Loop Counter Register
CORCON
CPU Control Register
NOV Z C
TBLPAG
22
0
7
0
0
15
Program Counter
Table Memory Page
ALU STATUS Register (SR)
Working/Address
Registers
W0 (WREG)
W1
W2
W3
W4
W5
W6
W7
W8
W9
W10
W11
W12
W13
Frame Pointer
Stack Pointer
PSVPAG
7
0
Program Space Visibility
RA
0
RCOUNT
15
0
Repeat Loop Counter
SPLIM
Stack Pointer Limit
SRL
Registers or bits shadowed for PUSH.S and POP.S instructions.
0
0
Page Address Register
15
0
CPU Control Register (CORCON)
SRH
W14
W15
DC
IPL
21 0
——
—
—
—
—
—
IPL3 PSV
— — ——— — — — — — — —
——
PC
Divider Working Registers
Multiplier Registers
15
0
Value Register
Address Register
Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com