Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC24FJ16GA Datasheet(PDF) 18 Page - Microchip Technology

Part # PIC24FJ16GA
Description  28/44-Pin General Purpose, 16-Bit Flash Microcontrollers
PDF  262 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ16GA Datasheet(HTML) 18 Page - Microchip Technology

Back Button PIC24FJ16GA Datasheet HTML 14Page - Microchip Technology PIC24FJ16GA Datasheet HTML 15Page - Microchip Technology PIC24FJ16GA Datasheet HTML 16Page - Microchip Technology PIC24FJ16GA Datasheet HTML 17Page - Microchip Technology PIC24FJ16GA Datasheet HTML 18Page - Microchip Technology PIC24FJ16GA Datasheet HTML 19Page - Microchip Technology PIC24FJ16GA Datasheet HTML 20Page - Microchip Technology PIC24FJ16GA Datasheet HTML 21Page - Microchip Technology PIC24FJ16GA Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 262 page
background image
PIC24FJ64GA004 FAMILY
DS39881C-page 16
Preliminary
© 2008 Microchip Technology Inc.
T1CK
12
9
34
I
ST
Timer1 Clock.
TCK
17
14
13
I
ST
JTAG Test Clock/Programming Clock Input.
TDI
21
18
35
I
ST
JTAG Test Data/Programming Data Input.
TDO
18
15
32
O
—
JTAG Test Data Output.
TMS
22
19
12
I
ST
JTAG Test Mode Select Input.
VDD
13, 28
10, 25
28, 40
P
—
Positive Supply for Peripheral Digital Logic and I/O Pins.
VDDCAP
20
17
7
P
—
External Filter Capacitor Connection (regulator enabled).
VDDCORE
20
17
7
P
—
Positive Supply for Microcontroller Core Logic (regulator
disabled).
VREF-
3
28
20
I
ANA
A/D and Comparator Reference Voltage (low) Input.
VREF+
2
27
19
I
ANA
A/D and Comparator Reference Voltage (high) Input.
VSS
8, 27
5, 24
29, 39
P
—
Ground Reference for Logic and I/O Pins.
TABLE 1-2:
PIC24FJ64GA004 FAMILY PINOUT DESCRIPTIONS (CONTINUED)
Function
Pin Number
I/O
Input
Buffer
Description
28-Pin
SPDIP/
SSOP/SOIC
28-Pin
QFN
44-Pin
QFN/TQFP
Legend:
TTL = TTL input buffer
ST = Schmitt Trigger input buffer
ANA = Analog level input/output
I2C™ = I2C/SMBus input buffer
Note 1:
Alternative multiplexing when the I2C1SEL Configuration bit is cleared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com