Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP510 Datasheet(PDF) 3 Page - Exar Corporation

Part # SP510
Description  ULTRA HIGH SPEED MULTIPROTOCOL TRANSCEIVER
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP510 Datasheet(HTML) 3 Page - Exar Corporation

  SP510 Datasheet HTML 1Page - Exar Corporation SP510 Datasheet HTML 2Page - Exar Corporation SP510 Datasheet HTML 3Page - Exar Corporation SP510 Datasheet HTML 4Page - Exar Corporation SP510 Datasheet HTML 5Page - Exar Corporation SP510 Datasheet HTML 6Page - Exar Corporation SP510 Datasheet HTML 7Page - Exar Corporation SP510 Datasheet HTML 8Page - Exar Corporation SP510 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
SP510
3
REV. 1.0.0
ULTRA HIGH SPEED MULTIPROTOCOL TRANSCEIVER
TABLE 1: DC ELECTRICAL CHARACTERISTICS
DC ELECTRICAL CHARACTERISTICS
Vcc = +4.75V to +5.25V, C1-C4 = 1µF. TAMB = TMIN to TMAX, unless otherwise noted. Typical values are at TAMB = +25°C
PARAMETERS
SYMBOL
TEST CONDITIONS
MIN.
TYP
MAX
UNIT
Vcc Supply Voltage
VCC
4.75
5.25
V
Logic Interface Voltage
VL
VCC ≥ VL
1.65
5.25
V
ICC Shutdown
ICCSD
200
µA
ICC Supply Current
ICC
300
mA
DRIVER INPUT AND LOGIC INPUT PINS
Logic Input High
VIH
2.0
V
Logic Input Low
VIL
0.4
V
RECEIVER OUTPUTS
Receiver Logic Output Low
VOL
IOUT = -3.2 mA
0.4
V
Receiver Logic Output High
VOH
IOUT = 1 mA
VL - 0.3
VL + 0.3
V
Receiver Output Short-Circuit
Current
IOSS
0V < VO < VCC
±20
±60
mA
Receiver Output Leakage Cur-
rent
IOZ
Receivers disabled.
0.4V < VO < 5.25V
±0.05
±1
µA
V.28 / RS-232 DRIVERS
Output Voltage Swing
VT
Output load = 3k
Ω to GND
Fig. 3
±5.0
±6.0
±15.0
V
VOC
Output load = Open Circuit
Fig.2
±15.0
V
Short Circuit Current
ISC
VOUT = 0V, Fig 5
±100
mA
Power-Off Impedance
Fig. 6
300
Ω
V.28 / RS-232 RECEIVERS
Input Voltage Range
-15
15
V
Input Threshold Low
0.8
1.2
V
Input Threshold High
1.7
3.0
V
Input Hysteresis
500
mV
Input Resistance
Fig. 8
3
5
7
k
Ω
Open Circuit Bias
VOC
Fig. 9
±2.0
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com