Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP510 Datasheet(PDF) 7 Page - Exar Corporation

Part # SP510
Description  ULTRA HIGH SPEED MULTIPROTOCOL TRANSCEIVER
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP510 Datasheet(HTML) 7 Page - Exar Corporation

Back Button SP510 Datasheet HTML 3Page - Exar Corporation SP510 Datasheet HTML 4Page - Exar Corporation SP510 Datasheet HTML 5Page - Exar Corporation SP510 Datasheet HTML 6Page - Exar Corporation SP510 Datasheet HTML 7Page - Exar Corporation SP510 Datasheet HTML 8Page - Exar Corporation SP510 Datasheet HTML 9Page - Exar Corporation SP510 Datasheet HTML 10Page - Exar Corporation SP510 Datasheet HTML 11Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
SP510
7
REV. 1.0.0
ULTRA HIGH SPEED MULTIPROTOCOL TRANSCEIVER
PARAMETERS
SYMBOL
TEST CONDITIONS
MIN.
TYP
MAX
UNIT
Driver Propagation Delay
tPHL, tPLH
30
150
500
ns
Driver Rise / Fall Time
tR, tF
10% to 90% - Fig. 14
500
ns
Driver Skew
| t
DPHL - tDPLH| at zero cross-
ing
100
ns
Driver Output Enable Time
Tri-state to Output Low
tZL
CL = 100 pF, Fig. 34 and 40,
S1 closed
2
µs
Driver Output Enable Time
Tri-state to Output High
tZH
CL = 100 pF, Fig. 34 and 40,
S2 closed
2
µs
Driver Output Disable Time
Output Low to Tri-state
tLZ
CL = 15 pF, Fig. 34 and 40,
S1 closed
2
µs
Driver Output Disable Time
Output High to Tri-state
tHZ
CL = 15 pF, Fig. 34 and 40,
S2 closed
2
µs
Receiver Propagation Delay
tPHL, tPLH
100
500
ns
Receiver Output Enable Time
Tri-state to output Low
tZL
CL = 100 pF, Fig. 35 and 40,
S1 closed
2
µs
Receiver Output Enable Time
Tri-state to output High
tZH
CL = 100 pF, Fig. 35 and 40,
S2 closed
2
µs
Receiver Output Disable Time
Output Low to Tri-state
tLZ
CL = 15 pF, Fig. 35 and 40,
S1 closed
2
µs
Receiver Output Disable Time
Output High to Tri-state
tHZ
CL = 15 pF, Fig. 35 and 40,
S1 closed
Receiver Output Rise / Fall Time
tR, tF
CL = 15 pF
15
ns
Receiver Skew
| t
PHL - tPLH| at 1.5V
5
ns
HIGH SPEED V.11 / RS-422 (DRIVERS 1, 2 & 3, RECEIVERS 1, 2 & 3)
Maximum Bit Rate
NRZI Encoding
52
Mbps
Driver Rise and Fall Time
tR, tF
Fig. 22 and 36, 10-90%
0.5
6
ns
Propagation Delay Time
tDPHL,
tDPLH
Fig. 33 and 36, CL = 50 pF
5
25
ns
Differential Skew
| t
DPHL - tDPLH|
3.8
ns
Driver Output Enable Time
Tri-state to Output Low
tZL
CL = 100 pF, Fig. 34 and 37,
S1 closed
100
ns
Driver Output Enable Time
Tri-state to Output High
tZH
CL = 100 pF, Fig. 34 and 37,
S2 closed
100
ns
Driver Output Disable Time
Output Low to Tri-state
tLZ
CL = 15 pF, Fig. 34 and 37,
S1 closed
100
ns
TIMING CHARACTERISTICS
VCC = +4.75 to 5.25V, C1-C4 = 1µF; TAMB = TMIN to TMAX, unless noted. Typical values are at TAMB = +25°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com