Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP510CM Datasheet(PDF) 2 Page - Exar Corporation

Part # SP510CM
Description  ULTRA HIGH SPEED MULTIPROTOCOL TRANSCEIVER
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP510CM Datasheet(HTML) 2 Page - Exar Corporation

  SP510CM Datasheet HTML 1Page - Exar Corporation SP510CM Datasheet HTML 2Page - Exar Corporation SP510CM Datasheet HTML 3Page - Exar Corporation SP510CM Datasheet HTML 4Page - Exar Corporation SP510CM Datasheet HTML 5Page - Exar Corporation SP510CM Datasheet HTML 6Page - Exar Corporation SP510CM Datasheet HTML 7Page - Exar Corporation SP510CM Datasheet HTML 8Page - Exar Corporation SP510CM Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 37 page
background image
SP510
2
ULTRA HIGH SPEED MULTIPROTOCOL TRANSCEIVER
REV. 1.0.0
ABSOLUTE MAXIMUM RATINGS
These are stress ratings only and functional
operation of the device at these ratings or any other
above those indicated in the operation sections of the
specifications below is not implied. Exposure to
absolute maximum rating conditions for extended
periods of time may affect reliability.
Supply Voltage (Vcc)……………...+ 7.0V
Logic-Interface Voltage (VL)………. VL ≤ Vcc
Input voltage at TTL input pins ... - 0.3V to VL+0.5V
Receiver Input voltage….. ………..±15.5V
Driver output (from Ground)…… -7.5V to +12.5V
Short Circuit Duration, TxOUT to GND, Continuous
Continuous Power Dissipation at Ta = +70
° C
100-Pin QFP…………………….…1520 mW
(derate 19.0 mW /
°C above 70° C)
ΘJA
52.7 °C/W, ΘJC 6.5 °C/W
Storage Temperature………...-65
°C to +150°C
Lead Temperature (soldering, 10s)….. 300
° C
RECOMMENDED OPERATING CONDITIONS
Supply Voltage (Vcc)... 4.75V to 5.25V
Logic-Interface Supply Voltage (VL)…..1.65V to
5.25V
Operating Temperature Range……-40
° C to +85° C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com