Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP510CM Datasheet(PDF) 5 Page - Exar Corporation

Part # SP510CM
Description  ULTRA HIGH SPEED MULTIPROTOCOL TRANSCEIVER
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP510CM Datasheet(HTML) 5 Page - Exar Corporation

  SP510CM Datasheet HTML 1Page - Exar Corporation SP510CM Datasheet HTML 2Page - Exar Corporation SP510CM Datasheet HTML 3Page - Exar Corporation SP510CM Datasheet HTML 4Page - Exar Corporation SP510CM Datasheet HTML 5Page - Exar Corporation SP510CM Datasheet HTML 6Page - Exar Corporation SP510CM Datasheet HTML 7Page - Exar Corporation SP510CM Datasheet HTML 8Page - Exar Corporation SP510CM Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
SP510
5
REV. 1.0.0
ULTRA HIGH SPEED MULTIPROTOCOL TRANSCEIVER
PARAMETERS
SYMBOL
TEST CONDITIONS
MIN.
TYP
MAX
UNIT
Short Circuit Impedance
Fig. 28
135
165
Ω
V.35 RECEIVERS (ALL VALUES MEASURE WITH TERM_OFF = ’0’)
Sensitivity
±100
±200
mV
Source Impedance
Fig. 30, ZS = V2 / V1 x 50Ω
90
110
Ω
Short-Circuit Impedance
Fig. 31
135
165
Ω
TRANSCEIVER LEAKAGE CURRENT
Driver Output 3-state Current
Drivers disabled, per Fig. 32
500
µA
Receiver Output 3-state Current
Tx and Rx Disabled,
0.4V - Vo - 2.4V
1
10
µA
DC ELECTRICAL CHARACTERISTICS
Vcc = +4.75V to +5.25V, C1-C4 = 1µF. TAMB = TMIN to TMAX, unless otherwise noted. Typical values are at TAMB = +25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com