Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLP200M Datasheet(PDF) 12 Page - STMicroelectronics

Part # CLP200M
Description  OVERVOLTAGE AND OVERCURRENT PROTECTION FOR TELECOM LINE
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

CLP200M Datasheet(HTML) 12 Page - STMicroelectronics

Back Button CLP200M_03 Datasheet HTML 8Page - STMicroelectronics CLP200M_03 Datasheet HTML 9Page - STMicroelectronics CLP200M_03 Datasheet HTML 10Page - STMicroelectronics CLP200M_03 Datasheet HTML 11Page - STMicroelectronics CLP200M_03 Datasheet HTML 12Page - STMicroelectronics CLP200M_03 Datasheet HTML 13Page - STMicroelectronics CLP200M_03 Datasheet HTML 14Page - STMicroelectronics CLP200M_03 Datasheet HTML 15Page - STMicroelectronics CLP200M_03 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
CLP200M
12/21
Fig. 26 : Induction test behavior (Test 3b).
Fig. 28 : Power contact test 3 (with R
® 10 Ω series).
4Ω
TIPL
TIPS
GND
1/2 CLP200M
I
V
V(RMS)
50Hz
600 or < 10
15min
PTC
Rsense
Rp
I2
SLIC
LCP1511D
-48V
V2
Fig. 27 : Power contact test.
3.3.3 - Power contact test (Test 3 table 1/K20)
The test 3 of CCITT K20 requires a serial PTC (or
fuse) which is inserted in the test circuit to limit the
current rate. This PTC acts like an open-circuit af-
ter 60 ms when a surge occurs on the line. Mean-
while, the CLP200M has to withstand the surge.
The protection device CLP200M totally fulfills this
test.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com