Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLP200M Datasheet(PDF) 16 Page - STMicroelectronics

Part # CLP200M
Description  OVERVOLTAGE AND OVERCURRENT PROTECTION FOR TELECOM LINE
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

CLP200M Datasheet(HTML) 16 Page - STMicroelectronics

Back Button CLP200M_03 Datasheet HTML 12Page - STMicroelectronics CLP200M_03 Datasheet HTML 13Page - STMicroelectronics CLP200M_03 Datasheet HTML 14Page - STMicroelectronics CLP200M_03 Datasheet HTML 15Page - STMicroelectronics CLP200M_03 Datasheet HTML 16Page - STMicroelectronics CLP200M_03 Datasheet HTML 17Page - STMicroelectronics CLP200M_03 Datasheet HTML 18Page - STMicroelectronics CLP200M_03 Datasheet HTML 19Page - STMicroelectronics CLP200M_03 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
CLP200M
16/21
0
102030405060
40
60
80
100
120
140
160
180
200
220
(V)
C (pF)
VR
Fig. 37 : Junction capacitance (TIPL/GND) versus
applied voltage
Fig. 38 : Typical and maximal capacitance
between TIPL, RINGL and GND.
VTIPL=-48V
V RINGL#0V
VGND=0V
Capacitance
between
RINGL and
GND
Capacitance
between
TIPL and
GND
Capacitance
between
TIPL and
RINGL
Typ.
195
62
57
Max.
200
0.1
1
10
100
1000
0.1
1
10
100
ITSM (A)
t (s)
Fig. 39 : Maximum non repetitive surge RMS on
state current versus overload duration (with 50Hz
sinusoidal wave and initial junction temperature
equal to 25°C)
0.01 0.02
0.05
0.1
0.2
0.5
1
2
5
10
20
30
50
100
200
300
t (ms)
Ipp (A)
Fig. 40 : Maximum peak pulse current versus
surge duration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com