Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M40Z300 Datasheet(PDF) 23 Page - STMicroelectronics

Part # M40Z300
Description  5 V or 3 V NVRAM supervisor for up to 8 LPSRAMs
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M40Z300 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button M40Z300 Datasheet HTML 17Page - STMicroelectronics M40Z300 Datasheet HTML 18Page - STMicroelectronics M40Z300 Datasheet HTML 19Page - STMicroelectronics M40Z300 Datasheet HTML 20Page - STMicroelectronics M40Z300 Datasheet HTML 21Page - STMicroelectronics M40Z300 Datasheet HTML 22Page - STMicroelectronics M40Z300 Datasheet HTML 23Page - STMicroelectronics M40Z300 Datasheet HTML 24Page - STMicroelectronics M40Z300 Datasheet HTML 25Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 23 / 25 page
background image
M40Z300, M40Z300W
Part numbering
Doc ID 5679 Rev 5
23/25
6
Part numbering
Table 12.
Ordering information example
Caution:
Do not place the SNAPHAT battery package “M4Zxx-BR00SH” in conductive foam as it will
drain the lithium button-cell battery.
For other options, or for more information on any aspect of this device, please contact the
ST sales office nearest you
Example:
M40Z
300W
MH
1
E
Device type
M40Z
Supply and write protect voltage
300(1) = VCC = 4.5 to 5.5 V
1.
Not recommended for new design. Contact ST sales office for availability.
THS = VSS = 4.5 V ≤ VPFD ≤ 4.75 V
THS = VOUT = 4.2 V ≤ VPFD ≤ 4.5 V
300W(1) = VCC = 3.0 to 3.6 V
THS = VSS = 2.8 V ≤ VPFD ≤ 3.0 V
VCC = 2.7 V to 3.3 V
THS = VOUT = 2.5 V ≤ VPFD ≤ 2.7 V
Package
MH (2) = SOH28
2.
The SOIC package (SOH28) requires the battery package (SNAPHAT®) which is ordered separately under
the part number “M4Zxx-BR00SH” in plastic tubes or “M4Zxx-BR00SHTR” in tape & reel form.
MQ = SO16
Temperature range
1 = 0 to 70 °C
6 = –40 to 85 °C
Shipping method for SOIC
E = Lead-free package (ECOPACK®), tubes
F = Lead-free package (ECOPACK®), tape & reel
Table 13.
SNAPHAT® battery table
Part number
Description
Package
M4Z28-BR00SH1
Lithium battery (48 mAh) SNAPHAT
SH
M4Z32-BR00SH1
Lithium battery (120 mAh) SNAPHAT
SH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com