Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M40Z300 Datasheet(PDF) 24 Page - STMicroelectronics

Part # M40Z300
Description  5 V or 3 V NVRAM supervisor for up to 8 LPSRAMs
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M40Z300 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button M40Z300 Datasheet HTML 17Page - STMicroelectronics M40Z300 Datasheet HTML 18Page - STMicroelectronics M40Z300 Datasheet HTML 19Page - STMicroelectronics M40Z300 Datasheet HTML 20Page - STMicroelectronics M40Z300 Datasheet HTML 21Page - STMicroelectronics M40Z300 Datasheet HTML 22Page - STMicroelectronics M40Z300 Datasheet HTML 23Page - STMicroelectronics M40Z300 Datasheet HTML 24Page - STMicroelectronics M40Z300 Datasheet HTML 25Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 24 / 25 page
background image
Revision history
M40Z300, M40Z300W
24/25
Doc ID 5679 Rev 5
7
Revision history
Table 14.
Document revision history
Date
Revision
Changes
Mar-1999
1.0
First issue
08-Mar-2000
1.1
Document layout changed; SO16 package added; battery capacity
changed (Table 13)
22-Sep-2000
1.2
SO16 package measures change
23-Feb-2001
1.3
Added information for industrial temperature (Table 3, 7, 12)
30-May-2001
1.4
Change “Controller” references to “SUPERVISOR”
10-Jul-2001
2.0
Reformatted; added temp/voltage info. to tables (Table 6, 7); Figures
changed (Figure 1, 3, 5, 8, 6)
01-Aug-2001
2.1
E2 connections added to hookup (Figure 5)
15-Jan-2002
2.2
16-pin SOIC connections split, graphic added (Figure 4); addition to
hardware hookup (Figure 5)
13-May-2002
2.3
Modify reflow time and temperature footnote (Table 3)
31-Oct-2003
2.4
Update DC characteristics (Table 6)
04-Nov-2003
2.5
Correct DC characteristics (Table 6)
23-Feb-2005
3.0
Reformatted; IR reflow, SO package updates (Table 3)
05-Nov-2007
4.0
Reformatted; added lead-free second level interconnect to cover page
and Section 5: Package mechanical data; updated Figure 10 and
Table 3, 12, 13.
19-Oct-2010
5
Devices not recommended for new design, updated document status;
updated Table 12, ECOPACK® text in Section 5: Package mechanical
data; reformatted document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com