Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST62T85B Datasheet(PDF) 62 Page - STMicroelectronics

Part # ST62T85B
Description  8-BIT OTP/EPROM MCU WITH LCD DRIVER, EEPROM AND A/D CONVERTER
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST62T85B Datasheet(HTML) 62 Page - STMicroelectronics

Back Button ST62T85B_01 Datasheet HTML 58Page - STMicroelectronics ST62T85B_01 Datasheet HTML 59Page - STMicroelectronics ST62T85B_01 Datasheet HTML 60Page - STMicroelectronics ST62T85B_01 Datasheet HTML 61Page - STMicroelectronics ST62T85B_01 Datasheet HTML 62Page - STMicroelectronics ST62T85B_01 Datasheet HTML 63Page - STMicroelectronics ST62T85B_01 Datasheet HTML 64Page - STMicroelectronics ST62T85B_01 Datasheet HTML 65Page - STMicroelectronics ST62T85B_01 Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 78 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
62/78
ST62T85B/E85B
INSTRUCTION SET (Cont’d)
Arithmetic and Logic. These instructions are
used to perform the arithmetic calculations and
logic operations. In AND, ADD, CP, SUB instruc-
tions one operand is always the accumulator while
the other can be either a data space memory con-
tent or an immediate value in relation with the ad-
dressing mode. In CLR, DEC, INC instructions the
operand can be any of the 256 data space ad-
dresses. In COM, RLC, SLA the operand is always
the accumulator.
Table 25. Arithmetic & Logic Instructions
Notes:
X,Y.Indirect Register Pointers, V & W Short Direct RegistersD. Affected
# . Immediate data (stored in ROM memory)* . Not Affected
rr. Data space register
Instruction
Addressing Mode
Bytes
Cycles
Flags
ZC
ADD A, (X)
Indirect
1
4
∆∆
ADD A, (Y)
Indirect
1
4
∆∆
ADD A, rr
Direct
2
4
∆∆
ADDI A, #N
Immediate
2
4
∆∆
AND A, (X)
Indirect
1
4
∆∆
AND A, (Y)
Indirect
1
4
∆∆
AND A, rr
Direct
2
4
∆∆
ANDI A, #N
Immediate
2
4
∆∆
CLR A
Short Direct
2
4
∆∆
CLR r
Direct
3
4
*
*
COM A
Inherent
1
4
∆∆
CP A, (X)
Indirect
1
4
∆∆
CP A, (Y)
Indirect
1
4
∆∆
CP A, rr
Direct
2
4
∆∆
CPI A, #N
Immediate
2
4
∆∆
DEC X
Short Direct
1
4
∆
*
DEC Y
Short Direct
1
4
∆
*
DEC V
Short Direct
1
4
∆
*
DEC W
Short Direct
1
4
∆
*
DEC A
Direct
2
4
∆
*
DEC rr
Direct
2
4
∆
*
DEC (X)
Indirect
1
4
∆
*
DEC (Y)
Indirect
1
4
∆
*
INC X
Short Direct
1
4
∆
*
INC Y
Short Direct
1
4
∆
*
INC V
Short Direct
1
4
∆
*
INC W
Short Direct
1
4
∆
*
INC A
Direct
2
4
∆
*
INC rr
Direct
2
4
∆
*
INC (X)
Indirect
1
4
∆
*
INC (Y)
Indirect
1
4
∆
*
RLC A
Inherent
1
4
∆∆
SLA A
Inherent
2
4
∆∆
SUB A, (X)
Indirect
1
4
∆∆
SUB A, (Y)
Indirect
1
4
∆∆
SUB A, rr
Direct
2
4
∆∆
SUBI A, #N
Immediate
2
4
∆∆
62



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com