Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST62T85B Datasheet(PDF) 37 Page - STMicroelectronics

Part # ST62T85B
Description  8-BIT OTP/EPROM MCU WITH LCD DRIVER, EEPROM AND A/D CONVERTER
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST62T85B Datasheet(HTML) 37 Page - STMicroelectronics

Back Button ST62T85B_01 Datasheet HTML 33Page - STMicroelectronics ST62T85B_01 Datasheet HTML 34Page - STMicroelectronics ST62T85B_01 Datasheet HTML 35Page - STMicroelectronics ST62T85B_01 Datasheet HTML 36Page - STMicroelectronics ST62T85B_01 Datasheet HTML 37Page - STMicroelectronics ST62T85B_01 Datasheet HTML 38Page - STMicroelectronics ST62T85B_01 Datasheet HTML 39Page - STMicroelectronics ST62T85B_01 Datasheet HTML 40Page - STMicroelectronics ST62T85B_01 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 78 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
37/78
ST62T85B/E85B
I/O PORTS (Cont’d)
4.1.3 SPI alternate functions
PA6/Sin and PA5/Scl pins must be configured as
input through the DDR and OR registers to be
used as data in and data clock (Slave mode) for
the SPI. All input modes are available and I/O's
can be read independently of the SPI at any time.
PA7/Sout must be configured in open drain output
mode to be used as data out for the SPI. In output
mode, the value present on the pin is the port data
register content only if PA7 is defined as push pull
output, while serial transmission is possible only in
open drain mode.
4.1.4 UART alternate functions
PB0/RXD1 pin must be configured as input
through the DDR and OR registers to be used as
reception line for the UART. All input modes are
available and PB0 can be read independently of
the UART at any time.
PB1/TXD1 pin must be configured as output
through the DDR and OR registers to be used as
transmission line for the UART. Value present on
the pin in output mode is the Data register content
as long as no transmission is active.
37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com