Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95320-RMB6TP/P Datasheet(PDF) 29 Page - STMicroelectronics

Part # M95320-RMB6TP/P
Description  32 Kbit serial SPI bus EEPROMs with high-speed clock
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95320-RMB6TP/P Datasheet(HTML) 29 Page - STMicroelectronics

Back Button M95320-RMB6TP/P Datasheet HTML 25Page - STMicroelectronics M95320-RMB6TP/P Datasheet HTML 26Page - STMicroelectronics M95320-RMB6TP/P Datasheet HTML 27Page - STMicroelectronics M95320-RMB6TP/P Datasheet HTML 28Page - STMicroelectronics M95320-RMB6TP/P Datasheet HTML 29Page - STMicroelectronics M95320-RMB6TP/P Datasheet HTML 30Page - STMicroelectronics M95320-RMB6TP/P Datasheet HTML 31Page - STMicroelectronics M95320-RMB6TP/P Datasheet HTML 32Page - STMicroelectronics M95320-RMB6TP/P Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 44 page
background image
M95320, M95320-W, M95320-R
DC and AC parameters
Doc ID 5711 Rev 12
29/44
Table 16.
DC characteristics (M95320-R)
Symbol
Parameter
Test condition
Min.
Max.
Unit
ILI
Input leakage current
VIN = VSS or VCC
± 2
µA
ILO
Output leakage current
S = VCC, voltage applied on Q =
VSS or VCC
± 2
µA
ICCR
Supply current (Read)
VCC = 2.5 V, C = 0.1VCC/0.9VCC
at maximum clock frequency,
Q = open
3mA
VCC = 1.8 V, C = 0.1VCC/0.9VCC
at maximum clock frequency,
Q = open
2mA
ICC1
Supply current (Standby)
VCC =5V, S = VCC,
VIN = VSS or VCC
2µA
VCC = 2.5 V, S = VCC,
VIN = VSS or VCC
1µA
VCC = 1.8 V, S = VCC,
VIN = VSS or VCC
1µA
VIL
Input low voltage
1.8 V < VCC < 2.5 V
–0.45
0.25VCC
V
2.5 V < VCC < 5.5 V
–0.45
0.3VCC
V
VIH
Input high voltage
1.8 V < VCC < 2.5 V
0.75VCC
VCC+1
V
2.5 V < VCC < 5.5 V
0.7 VCC
VCC+1
V
VOL
Output low voltage
VCC = 2.5 V, IOL = 1.5 mA or
VCC = 5.5 V, IOL = 2 mA
0.2VCC
V
VCC = 1.8 V, IOL = 0.15 mA
0.3
V
VOH
Output high voltage
VCC = 2.5 V, IOH = –0.4 mA or
VCC = 5.5 V, IOH = –2 mA or
VCC = 1.8 V, IOH = –0.1 mA
0.8 VCC
V
VRES
(1)
1.
Characterized only, not 100% tested.
Internal reset threshold
voltage
1.0
1.65
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com