Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M95320-RMB6TP/P Datasheet(PDF) 43 Page - STMicroelectronics

Part # M95320-RMB6TP/P
Description  32 Kbit serial SPI bus EEPROMs with high-speed clock
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95320-RMB6TP/P Datasheet(HTML) 43 Page - STMicroelectronics

Back Button M95320-RMB6TP/P Datasheet HTML 36Page - STMicroelectronics M95320-RMB6TP/P Datasheet HTML 37Page - STMicroelectronics M95320-RMB6TP/P Datasheet HTML 38Page - STMicroelectronics M95320-RMB6TP/P Datasheet HTML 39Page - STMicroelectronics M95320-RMB6TP/P Datasheet HTML 40Page - STMicroelectronics M95320-RMB6TP/P Datasheet HTML 41Page - STMicroelectronics M95320-RMB6TP/P Datasheet HTML 42Page - STMicroelectronics M95320-RMB6TP/P Datasheet HTML 43Page - STMicroelectronics M95320-RMB6TP/P Datasheet HTML 44Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 43 / 44 page
background image
M95320, M95320-W, M95320-R
Revision history
Doc ID 5711 Rev 12
43/44
20-Mar-2008
9
Section 4.1: Supply voltage (VCC) updated.
10 MHz frequencies added to Table 17: AC characteristics (M95320,
device grade 3) and Table 19: AC characteristics (M95320-W, device
grade 3).
Small text changes.
23-Jun-2008
10
Section 4.1: Supply voltage (VCC) updated.
Table 16: DC characteristics (M95320-R) modified.
Figure 15: Serial input timing, Figure 16: Hold timing and Figure 17: Serial
output timing modified.
17-Feb-2009
11
Section 4.1: Supply voltage (VCC) and Section 6.4: Write Status Register
(WRSR) updated.
Note added to Section 6.6: Write to Memory Array (WRITE).
Section 7.2: Initial delivery state specified.
Note modified in Table 12: Capacitance. ICC at 10 MHz added to Table 13:
DC characteristics (M95320, device grade 3).
VRES parameter added to DC characteristics tables 13, 14, 15 and 16.
Note added to tCLQV in AC characteristics tables 17, 18, 19 and 21.
Note added to Table 20: AC characteristics (M95320-R) and Table 21: AC
characteristics (M95640-R).
Process letter modified in Table 24: Ordering information scheme.
07-Dec-2009
12
64 Kbit densities removed from datasheet.
ECOPACK status of packages specified in Features and in Table 24:
Ordering information scheme.
IOL and IOH added to Table 7: Absolute maximum ratings.
Note 2 added below Figure 20: UFDFPN8 (MLP8) - 8-lead ultra thin fine
pitch dual flat no lead, package outline.
Small text changes.
Table 26.
Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com