Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST6225BN1/CCC Datasheet(PDF) 10 Page - STMicroelectronics

Part # ST6225BN1/CCC
Description  8-bit MCUs with A/D converter, two timers, oscillator safeguard & safe reset
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6225BN1/CCC Datasheet(HTML) 10 Page - STMicroelectronics

Back Button ST6225BN1/CCC Datasheet HTML 6Page - STMicroelectronics ST6225BN1/CCC Datasheet HTML 7Page - STMicroelectronics ST6225BN1/CCC Datasheet HTML 8Page - STMicroelectronics ST6225BN1/CCC Datasheet HTML 9Page - STMicroelectronics ST6225BN1/CCC Datasheet HTML 10Page - STMicroelectronics ST6225BN1/CCC Datasheet HTML 11Page - STMicroelectronics ST6225BN1/CCC Datasheet HTML 12Page - STMicroelectronics ST6225BN1/CCC Datasheet HTML 13Page - STMicroelectronics ST6225BN1/CCC Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 105 page
background image
ST6215C ST6225C
10/105
MEMORY MAP (Cont’d)
Figure 4. Program Memory Map
RESERVED*
RESERVED*
0000h
07FFh
0800h
087Fh
NOT IMPLEMENTED
RESERVED*
USER
PROGRAM MEMORY
1824 BYTES
0880h
0F9Fh
0FA0h
0FEFh
0FF0h
0FF7h
0FF8h
0FFBh
0FFCh
0FFDh
0FFEh
0FFFh
RESERVED*
INTERRUPT VECTORS
NMI VECTOR
USER RESET VECTOR
(*) Reserved areas should be filled with 0FFh
0000h
07Fh
USER
PROGRAM MEMORY
3872 BYTES
080h
0F9Fh
0FA0h
0FEFh
0FF0h
0FF7h
0FF8h
0FFBh
0FFCh
0FFDh
0FFEh
0FFFh
RESERVED*
INTERRUPT VECTORS
NMI VECTOR
USER RESET VECTOR
RESERVED*
ST6215C
ST6225C
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com