Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST6225BN1/CCC Datasheet(PDF) 12 Page - STMicroelectronics

Part # ST6225BN1/CCC
Description  8-bit MCUs with A/D converter, two timers, oscillator safeguard & safe reset
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6225BN1/CCC Datasheet(HTML) 12 Page - STMicroelectronics

Back Button ST6225BN1/CCC Datasheet HTML 8Page - STMicroelectronics ST6225BN1/CCC Datasheet HTML 9Page - STMicroelectronics ST6225BN1/CCC Datasheet HTML 10Page - STMicroelectronics ST6225BN1/CCC Datasheet HTML 11Page - STMicroelectronics ST6225BN1/CCC Datasheet HTML 12Page - STMicroelectronics ST6225BN1/CCC Datasheet HTML 13Page - STMicroelectronics ST6225BN1/CCC Datasheet HTML 14Page - STMicroelectronics ST6225BN1/CCC Datasheet HTML 15Page - STMicroelectronics ST6225BN1/CCC Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 105 page
background image
ST6215C ST6225C
12/105
MEMORY MAP (Cont’d)
Table 2. Hardware Register Map
Legend:
x = undefined, R/W = Read/Write, Ro = Read-only Bit(s) in the register, Wo = Write-only Bit(s)
in the register.
Notes:
1. The contents of the I/O port DR registers are readable only in output configuration. In input configura-
tion, the values of the I/O pins are returned instead of the DR register contents.
2. The bits associated with unavailable pins must always be kept at their reset value.
3. Do not use single-bit instructions (SET, RES...) on Port Data Registers if any pin of the port is configured
in input mode (refer to Section 8 "I/O PORTS" on page 38 for more details).
Address
Block
Register
Label
Register Name
Reset
Status
Remarks
080h
to 083h
CPU
X,Y,V,W
X,Y index registers
V,W short direct registers
xxh
R/W
0C0h
0C1h
0C2h
I/O Ports
DRA 1) 2) 3)
DRB 1) 2) 3)
DRC 1) 2) 3)
Port A Data Register
Port B Data Register
Port C Data Register
00h
00h
00h
R/W
R/W
R/W
0C3h
Reserved (1 Byte)
0C4h
0C5h
0C6h
I/O Ports
DDRA 2)
DDRB 2)
DDRC 2)
Port A Direction Register
Port B Direction Register
Port C Direction Register
00h
00h
00h
R/W
R/W
R/W
0C7h
Reserved (1 Byte)
0C8h
CPU
IOR
Interrupt Option Register
xxh
Write-only
0C9h
ROM
DRWR
Data ROM Window register
xxh
Write-only
0CAh
0CBh
Reserved (2 Bytes)
0CCh
0CDh
0CEh
I/O Ports
ORA 2)
ORB 2)
ORC 2)
Port A Option Register
Port B Option Register
Port C Option Register
00h
00h
00h
R/W
R/W
R/W
0CFh
Reserved (1 byte)
0D0h
0D1h
ADC
ADR
ADCR
A/D Converter Data Register
A/D Converter Control Register
xxh
40h
Read-only
Ro/Wo
0D2h
0D3h
0D4h
Timer1
PSCR
TCR
TSCR
Timer 1 Prescaler Register
Timer 1 Counter Register
Timer 1 Status Control Register
7Fh
0FFh
00h
R/W
R/W
R/W
0D5h
to 0D7h
Reserved (3 Bytes)
0D8h
Watchdog
Timer
WDGR
Watchdog Register
0FEh
R/W
0D9h
to 0FEh
Reserved (38 Bytes)
0FFh
CPU
A
Accumulator
xxh
R/W
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com