Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72101 Datasheet(PDF) 21 Page - STMicroelectronics

Part # ST72101
Description  8-BIT MCU WITH 4 TO 8K ROM/OTP/EPROM, 256 BYTES RAM, ADC, WDG, SPI AND 1 OR 2 TIMERS
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72101 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button ST72101_01 Datasheet HTML 17Page - STMicroelectronics ST72101_01 Datasheet HTML 18Page - STMicroelectronics ST72101_01 Datasheet HTML 19Page - STMicroelectronics ST72101_01 Datasheet HTML 20Page - STMicroelectronics ST72101_01 Datasheet HTML 21Page - STMicroelectronics ST72101_01 Datasheet HTML 22Page - STMicroelectronics ST72101_01 Datasheet HTML 23Page - STMicroelectronics ST72101_01 Datasheet HTML 24Page - STMicroelectronics ST72101_01 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 85 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
21/85
ST72101/ST72212/ST72213
4.4 POWER SAVING MODES
4.4.1 Introduction
There are three Power Saving modes. Slow Mode
is selected by setting the relevant bits in the Mis-
cellaneous register. Wait and Halt modes may be
entered using the WFI and HALT instructions.
4.4.2 Slow Mode
In Slow mode, the oscillator frequency can be di-
vided by a value defined in the Miscellaneous
Register. The CPU and peripherals are clocked at
this lower frequency. Slow mode is used to reduce
power consumption, and enables the user to adapt
clock frequency to available supply voltage.
4.4.3 Wait Mode
Wait mode places the MCU in a low power con-
sumption mode by stopping the CPU. All peripher-
als remain active. During Wait mode, the I bit (CC
Register) is cleared, so as to enable all interrupts.
All other registers and memory remain unchanged.
The MCU will remain in Wait mode until an Inter-
rupt or Reset occurs, whereupon the Program
Counter branches to the starting address of the In-
terrupt or Reset Service Routine.
The MCU will remain in Wait mode until a Reset or
an Interrupt occurs, causing it to wake up.
Refer to Figure 17 below.
Figure 17. WAIT Flow Chart
WFI INSTRUCTION
RESET
INTERRUPT
Y
N
N
Y
CPU CLOCK
OSCILLATOR
PERIPH. CLOCK
I-BIT
ON
ON
CLEARED
OFF
Note: Before servicing an interrupt, the CC register is
pushed on the stack. The I-Bit is set during the inter-
rupt routine and cleared when the CC register is
popped.
4096 CPU CLOCK
FETCH RESET VECTOR
OR SERVICE INTERRUPT
CYCLES DELAY
CPU CLOCK
OSCILLATOR
PERIPH. CLOCK
I-BIT
ON
ON
SET
ON
CPU CLOCK
OSCILLATOR
PERIPH. CLOCK
I-BIT
ON
ON
SET
ON
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com