Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72101 Datasheet(PDF) 39 Page - STMicroelectronics

Part # ST72101
Description  8-BIT MCU WITH 4 TO 8K ROM/OTP/EPROM, 256 BYTES RAM, ADC, WDG, SPI AND 1 OR 2 TIMERS
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72101 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button ST72101_01 Datasheet HTML 35Page - STMicroelectronics ST72101_01 Datasheet HTML 36Page - STMicroelectronics ST72101_01 Datasheet HTML 37Page - STMicroelectronics ST72101_01 Datasheet HTML 38Page - STMicroelectronics ST72101_01 Datasheet HTML 39Page - STMicroelectronics ST72101_01 Datasheet HTML 40Page - STMicroelectronics ST72101_01 Datasheet HTML 41Page - STMicroelectronics ST72101_01 Datasheet HTML 42Page - STMicroelectronics ST72101_01 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 85 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
39/85
ST72101/ST72212/ST72213
16-BIT TIMER (Cont’d)
Notes:
1. After a processor write cycle to the OC
iHR reg-
ister, the output compare function is inhibited
until the OC
iLR register is also written.
2. If the OC
iE bit is not set, the OCMPi pin is a
general I/O port and the OLVL
i bit will not
appear when a match is found but an interrupt
could be generated if the OCIE bit is set.
3. When the timer clock is fCPU/2, OCFi and
OCMP
i are set while the counter value equals
the OC
iR register value (see Figure 8). This
behaviour is the same in OPM or PWM mode.
When the timer clock is fCPU/4, fCPU/8 or in
external clock mode, OCF
i and OCMPi are set
while the counter value equals the OC
iR regis-
ter value plus 1 (see Figure 9).
4. The output compare functions can be used both
for generating external events on the OCMP
i
pins even if the input capture mode is also
used.
5. The value in the 16-bit OCiR register and the
OLV
i bit should be changed after each suc-
cessful comparison in order to control an output
waveform or establish a new elapsed timeout.
Forced Compare Output capability
When the FOLV
i bit is set by software, the OLVLi
bit is copied to the OCMP
i pin. The OLVi bit has to
be toggled in order to toggle the OCMP
i pin when
it is enabled (OC
iE bit=1). The OCFi bit is then not
set by hardware, and thus no interrupt request is
generated.
FOLVL
i bits have no effect in either One-Pulse
mode or PWM mode.
Figure 28. Output Compare Block Diagram
OUTPUT COMPARE
16-bit
CIRCUIT
OC1R Register
16 BIT FREE RUNNING
COUNTER
OC1E
CC0
CC1
OC2E
OLVL1
OLVL2
OCIE
(Control Register 1) CR1
(Control Register 2) CR2
0
0
0
OCF2
OCF1
(Status Register) SR
16-bit
16-bit
OCMP1
OCMP2
Latch
1
Latch
2
OC2R Register
Pin
Pin
FOLV2 FOLV1
39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com