Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72101G1M1 Datasheet(PDF) 73 Page - STMicroelectronics

Part # ST72101G1M1
Description  8-BIT MCU WITH 4 TO 8K ROM/OTP/EPROM, 256 BYTES RAM, ADC, WDG, SPI AND 1 OR 2 TIMERS
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72101G1M1 Datasheet(HTML) 73 Page - STMicroelectronics

Back Button ST72101G1M1 Datasheet HTML 69Page - STMicroelectronics ST72101G1M1 Datasheet HTML 70Page - STMicroelectronics ST72101G1M1 Datasheet HTML 71Page - STMicroelectronics ST72101G1M1 Datasheet HTML 72Page - STMicroelectronics ST72101G1M1 Datasheet HTML 73Page - STMicroelectronics ST72101G1M1 Datasheet HTML 74Page - STMicroelectronics ST72101G1M1 Datasheet HTML 75Page - STMicroelectronics ST72101G1M1 Datasheet HTML 76Page - STMicroelectronics ST72101G1M1 Datasheet HTML 77Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 85 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
73/85
ST72101/ST72212/ST72213
7.2 RECOMMENDED OPERATING CONDITIONS
Note 1: A/D operation and Oscillator start-up are not guaranteed below 1MHz.
Figure 41. Maximum Operating Frequency (fOSC) Versus Supply Voltage (VDD)
Symbol
Parameter
Test Conditions
Value
Unit
Min.
Typ.
Max.
TA
Operating Temperature
1 Suffix Version
0
70
°C
6 Suffix Version
-40
85
°C
3 Suffix Version
-40
125
°C
VDD
Operating Supply Voltage
fOSC = 16 MHz (1 & 6 Suffix)
fOSC = 8 MHz
3.5
3.0
5.5
5.5
V
fOSC
Oscillator Frequency
VDD = 3.0V
VDD = 3.5V (1 & 6 Suffix)
01)
01)
8
16
MHz
fOSC
[MHz]
Supplly Voltage
[V]
16
8
4
1
0
2.5
3
3.544.5
55.5
FUNCTIONALITY NOT GUARANTEED IN THIS AREA
FUNCTIONALITY NOT GUARANTEED IN THIS AREA WITH RESONATOR
FUNCTIONALITY GUARANTEED IN THIS AREA
FUNCTIONALITY NOT GUARANTEED IN THIS AREA
FOR TEMPERATURE HIGHER THAN 85°C
73



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com