Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72101G1M1 Datasheet(PDF) 49 Page - STMicroelectronics

Part # ST72101G1M1
Description  8-BIT MCU WITH 4 TO 8K ROM/OTP/EPROM, 256 BYTES RAM, ADC, WDG, SPI AND 1 OR 2 TIMERS
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72101G1M1 Datasheet(HTML) 49 Page - STMicroelectronics

Back Button ST72101G1M1 Datasheet HTML 45Page - STMicroelectronics ST72101G1M1 Datasheet HTML 46Page - STMicroelectronics ST72101G1M1 Datasheet HTML 47Page - STMicroelectronics ST72101G1M1 Datasheet HTML 48Page - STMicroelectronics ST72101G1M1 Datasheet HTML 49Page - STMicroelectronics ST72101G1M1 Datasheet HTML 50Page - STMicroelectronics ST72101G1M1 Datasheet HTML 51Page - STMicroelectronics ST72101G1M1 Datasheet HTML 52Page - STMicroelectronics ST72101G1M1 Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 85 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
49/85
ST72101/ST72212/ST72213
16-BIT TIMER (Cont’d)
Table 16. 16-Bit Timer Register Map and Reset Values
Address
(Hex.)
Register
Name
765
43
21
0
TimerA: 32
TimerB: 42
CR1
Reset Value
ICIE
0
OCIE
0
TOIE
0
FOLV2
0
FOLV1
0
OLVL2
0
IEDG1
0
OLVL1
0
TimerA: 31
TimerB: 41
CR2
Reset Value
OC1E
0
OC2E
0
OPM
0
PWM
0
CC1
0
CC0
0
IEDG2
0
EXEDG
0
TimerA: 33
TimerB: 43
SR
Reset Value
ICF1
0
OCF1
0
TOF
0
ICF2
0
OCF2
0
-
0
-
0
-
0
TimerA: 34
TimerB: 44
IC1HR
Reset Value
MSB
-
-
-
--
--
LSB
-
TimerA: 35
TimerB: 45
IC1LR
Reset Value
MSB
-
-
-
--
--
LSB
-
TimerA: 36
TimerB: 46
OC1HR
Reset Value
MSB
1
-
0
-
0
-
0
-
0
-
0
-
0
LSB
0
TimerA: 37
TimerB: 47
OC1LR
Reset Value
MSB
0
-
0
-
0
-
0
-
0
-
0
-
0
LSB
0
TimerA: 3E
TimerB: 4E
OC2HR
Reset Value
MSB
1
-
0
-
0
-
0
-
0
-
0
-
0
LSB
0
TimerA: 3F
TimerB: 4F
OC2LR
Reset Value
MSB
0
-
0
-
0
-
0
-
0
-
0
-
0
LSB
0
TimerA: 38
TimerB: 48
CHR
Reset Value
MSB
11
1
1
1
1
1
LSB
1
TimerA: 39
TimerB: 49
CLR
Reset Value
MSB
11
1
1
1
1
0
LSB
0
TimerA: 3A
TimerB: 4A
ACHR
Reset Value
MSB
11
1
1
1
1
1
LSB
1
TimerA: 3B
TimerB: 4B
ACLR
Reset Value
MSB
11
1
1
1
1
0
LSB
0
TimerA: 3C
TimerB: 4C
IC2HR
Reset Value
MSB
-
-
-
--
--
LSB
-
TimerA: 3D
TimerB: 4D
IC2LR
Reset Value
MSB
-
-
-
--
--
LSB
-
49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com