Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SK2625LS Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # 2SK2625LS
Description  Ultrahigh-Speed Switching Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SK2625LS Datasheet(HTML) 2 Page - Sanyo Semicon Device

  2SK2625LS Datasheet HTML 1Page - Sanyo Semicon Device 2SK2625LS Datasheet HTML 2Page - Sanyo Semicon Device 2SK2625LS Datasheet HTML 3Page - Sanyo Semicon Device 2SK2625LS Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2SK2625LS
No.7081-2/4
Continued from preceding page.
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Input Capacitance
Ciss
VDS=20V, f=1MHz
700
pF
Output Capacitance
Coss
VDS=20V, f=1MHz
220
pF
Reverse Transfer Capacitance
Crss
VDS=20V, f=1MHz
110
pF
Total Gate Charge
Qg
VDS=200V, ID=5A, VGS=10V
20
nC
Turn-ON Delay Time
td(on)
See specified Test Circuit.
20
ns
Rise Time
tr
See specified Test Circuit.
20
ns
Turn-OFF Delay Time
td(off)
See specified Test Circuit.
50
ns
Fall Time
tf
See specified Test Circuit.
25
ns
Diode Forward Voltage
VSD
IS=5A, VGS=0
0.88
1.2
V
Switching Time Test Circuit
0
ID -- VDS
IT03649
IT03651
IT03650
IT03652
0
6
3
4
5
2
1
12
4
3
56789
10
1.0
RDS(on) -- VGS
4
4.0
3.5
3.0
2.5
2.0
1.5
6
8
10
12
14
16
18
20
0
ID -- VGS
0
8
6
7
5
4
3
2
1
510
15
20
0.5
RDS(on) -- Tc
--50
3.5
3.0
2.5
2.0
1.5
1.0
--25
0
25
50
75
100
125
150
7V
8V
10V
15V
VGS=6V
VDS=10V
25
°C
75
°C
Tc= --25°C
Tc=25
°C
ID=1A
2.5A
5A
Drain-to-Source Voltage, VDS -- V
Gate-to-Source Voltage, VGS -- V
Gate-to-Source Voltage, VGS -- V
Case Temperature, Tc --
°C
I D
=2.5A,
V GS
=10V
I D
=2.5A,
V GS
=15V
PW=1
µs
D.C.
≤0.5%
P.G
RGS=50Ω
G
S
ID=2.5A
RL=80.0Ω
VDD=200V
VOUT
VGS=15V
D
2SK2625LS



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com